Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L412R8Y3PTR Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32L412R8Y3PTR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L412R8Y3PTR Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32L412R8Y3PTR Datasheet HTML 98Page - STMicroelectronics STM32L412R8Y3PTR Datasheet HTML 99Page - STMicroelectronics STM32L412R8Y3PTR Datasheet HTML 100Page - STMicroelectronics STM32L412R8Y3PTR Datasheet HTML 101Page - STMicroelectronics STM32L412R8Y3PTR Datasheet HTML 102Page - STMicroelectronics STM32L412R8Y3PTR Datasheet HTML 103Page - STMicroelectronics STM32L412R8Y3PTR Datasheet HTML 104Page - STMicroelectronics STM32L412R8Y3PTR Datasheet HTML 105Page - STMicroelectronics STM32L412R8Y3PTR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 192 page
background image
Table 46. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD_ALL
(Standby)
Supply current
in Standby
mode (backup
registers
retained),
RTC disabled
No independent watchdog
1.8 V
95
255
1150
3200
8350
115
405
2750
7150
19500
nA
2.4 V
105
290
1300
3600
9500
175
540
3250
8350
23000
3 V
120
354
1550
4350
11500
215
650
3750
9600
26000
3.6 V
150
410
1850
5050
13000
280
835
4450
11500 29500
No independent watchdog
ENULP = 1
1.8 V
32
225
1400
3850
9000
115
405
2750
7250
19500
2.4 V
46
315
1800
4500
10500
175
540
3250
8350
23000
3 V
66
430
2400
5450
12500
215
650
3750
9600
26000
3.6 V
115
570
3050
6350
14500
280
835
4450
11500 29500
With independent
watchdog
1.8 V
295
450
1300
3250
8250
-
-
-
-
-
2.4 V
350
530
1500
3750
9450
-
-
-
-
-
3 V
415
635
1800
4450
11500
-
-
-
-
-
3.6 V
505
775
2200
5350
13500
-
-
-
-
-
With independent
watchdog
ENULP = 1
1.8 V
230
415
1450
3900
8850
-
-
-
-
-
2.4 V
290
540
1950
4600
10550
-
-
-
-
-
3 V
365
710
2550
550
12500
-
-
-
-
-
3.6 V
460
915
3300
6600
14500
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com