Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS-12 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CLS-12
Description  General Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS-12 Datasheet(HTML) 1 Page - Sumida Corporation

  CLS-12 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer <SMD Type: CLS Series>
Type: CLS -12
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
2. 0
13.1
Product Description
13.7×12.5mm Max.(L×W), 6.0mm Max. Height.
In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
Magnetically shielded construction.
Max. Operating frequency 500kHz.
Max Operating Power 4.3W (500kHz),2.9W(300kHz),1.2W(100kHz).
Ideally used in Multiple Output, Portable equipments, also be used as power choke.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
Land Pattern (mm)
“ S” is winding start.
Specification
Sample No.
Inductance (2-4)
1kHz/1V
D.C.R.
(2-4)
D.C.R
(7-9)
Hi-pot
(1,2,4,5-6,7,8,9,10)
(50/60Hz)
6312-T144
25µH ± 30 %
Within
409mΩ Max.
59mΩ Max.
AC 1000Vrms/1 Min.
(1-10) Mark
12.2±0.5
14.0 ± 0.5
5
6
1
10
6.0 MA X.
12.0 ±0.5
10
S
S
S
S
S


Similar Part No. - CLS-12

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
CLS-121 GREEGOO-CLS-121 Datasheet
1Mb / 3P
   CLS Limit switch
CLS-127 GREEGOO-CLS-127 Datasheet
1Mb / 3P
   CLS Limit switch
More results

Similar Description - CLS-12

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLQ7D23 SUMIDA-CLQ7D23_06 Datasheet
120Kb / 1P
   General Power Transformer
CM-5N SUMIDA-CM-5N Datasheet
35Kb / 2P
   General Power Transformer
CMD-8N SUMIDA-CMD-8N Datasheet
149Kb / 2P
   General Power Transformer
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
   General Power Transformer
CLQ72B SUMIDA-CLQ72B_06 Datasheet
124Kb / 1P
   General Power Transformer
LC-12U SUMIDA-LC-12U Datasheet
114Kb / 1P
   General Power Transformer
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
ERH3530 SUMIDA-ERH3530 Datasheet
148Kb / 1P
   General Power Transformer
EP2013 SUMIDA-EP2013 Datasheet
56Kb / 1P
   General Power Transformer
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
   General Power Transformer
ER4029 SUMIDA-ER4029 Datasheet
135Kb / 1P
   General Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com