Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F271Z1Q3 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST10F271Z1Q3
Description  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1Q3 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST10F271Z1Q3 Datasheet HTML 125Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 126Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 127Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 128Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 129Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 130Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 131Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 132Page - STMicroelectronics ST10F271Z1Q3 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 185 page
background image
ST10F271Z1
Known limitations
129/185
24.4
Spurious BREQ pulse in slave mode during external bus
arbitration phase
Description
Sporadic bus errors may occur when external bus arbitration is used via the HOLD function
and the ST10F272Z2 is configured as a slave.
After the slave has been granted access to the bus, the slave disables the BREQ signal
sporadically for a short time, even though slave access to the bus has not been completed.
The master starts then its own bus access, generating a bus conflict between master and
slave.
Workaround
To avoid producing any spurious BREQ pulse during a slave external bus arbitration phase,
it is necessary to guarantee that the time between the HLDA assertion (Bus Acknowledge
from Master device) and the following HOLD falling edge (Bus Request from Master) is
longer than three clock cycles.
This can be implemented by delaying the HOLD signal with an RC circuit as shown in Figure
3.
Figure 39.
ST10 in Slave mode
BREQ
HLDA
HOLD
BREQ (P6.7)
HLDA (P6.6)
HOLD (P6.5)
Master
ST10 in Slave mode
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com