Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32U073R8T3TR Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32U073R8T3TR
Description  Ultra-low-power Arm® Cortex®-M0 32-bit MCU, up to 256-Kbyte flash memory, 40-Kbyte SRAM, USB, LCD
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U073R8T3TR Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32U073R8T3TR Datasheet HTML 109Page - STMicroelectronics STM32U073R8T3TR Datasheet HTML 110Page - STMicroelectronics STM32U073R8T3TR Datasheet HTML 111Page - STMicroelectronics STM32U073R8T3TR Datasheet HTML 112Page - STMicroelectronics STM32U073R8T3TR Datasheet HTML 113Page - STMicroelectronics STM32U073R8T3TR Datasheet HTML 114Page - STMicroelectronics STM32U073R8T3TR Datasheet HTML 115Page - STMicroelectronics STM32U073R8T3TR Datasheet HTML 116Page - STMicroelectronics STM32U073R8T3TR Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 146 page
background image
Table 91. Tolerance of form and position symbol definition
Symbol
Definition
aaa
The bilateral profile tolerance that controls the position of the plastic body sides. The centres of the profile zones are
defined by the basic dimensions D and E.
bbb
The tolerance that controls the position of the terminals with respect to Datums A and B. The centre of the tolerance
zone for each terminal is defined by basic dimension e as related to datums A and B.
ccc
The tolerance located parallel to the seating plane in which the top surface of the package must be located.
ddd
The tolerance that controls the position of the terminals to each other. The centres of the profile zones are defined
by basic dimension e.
eee
The unilateral tolerance located above the seating plane wherein the bottom surface of all terminals must be located
= coplanarity
fff
The tolerance that controls the position of the exposed metal heat feature. The centre of the tolerance zone is the
data defined by the centrelines of the package body
Figure 35. UFQFPN32 - Footprint example
A0B8_FP_V2
5.50
3.75
0.65
3.60
0.50
3.60
3.75
3.75
0.25
5.50
1. Dimensions are expressed in millimeters.
STM32U073x8/B/C
Package information
DS14548 - Rev 2
page 113/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com