Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647 Datasheet(PDF) 104 Page - Texas Instruments

Part # TMS320DM647
Description  Digital Media Processor
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320DM647_08 Datasheet HTML 100Page - Texas Instruments TMS320DM647_08 Datasheet HTML 101Page - Texas Instruments TMS320DM647_08 Datasheet HTML 102Page - Texas Instruments TMS320DM647_08 Datasheet HTML 103Page - Texas Instruments TMS320DM647_08 Datasheet HTML 104Page - Texas Instruments TMS320DM647_08 Datasheet HTML 105Page - Texas Instruments TMS320DM647_08 Datasheet HTML 106Page - Texas Instruments TMS320DM647_08 Datasheet HTML 107Page - Texas Instruments TMS320DM647_08 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 167 page
background image
www.ti.com
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
Table 6-35. Video Port 0, 1, 2, 3, and 4 (VP0, VP1, VP2, VP3, and VP4) Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
VP0
VP1
VP2
VP3
VP4
Video Display Field 1 Image Offset
0x02C0 0220
0x02C0 4220
0x02C0 8220
0x02C0 C220
0x02C1 0220
VD_IMGOFF1x
Register
Video Display Field 1 Image Size
0x02C0 0224
0x02C0 4224
0x02C0 8224
0x02C0 C224
0x02C1 0224
VD_IMGSZ1x
Register
Video Display Field 2 Image Offset
0x02C0 0228
0x02C0 4228
0x02C0 8228
0x02C0 C228
0x02C1 0228
VD_IMGOFF2x
Register
Video Display Field 2 Image Size
0x02C0 022C
0x02C0 422C
0x02C0 822C
0x02C0 C22C
0x02C1 022C
VD_IMGSZ2x
Register
0x02C0 0230
0x02C0 4230
0x02C0 8230
0x02C0 C230
0x02C1 0230
VD_FLDT1x
Video Display Field 1 Timing Register
0x02C0 0234
0x02C0 4234
0x02C0 8234
0x02C0 C234
0x02C1 0234
VD_FLDT2x
Video Display Field 2 Timing Register
0x02C0 0238
0x02C0 4238
0x02C0 8238
0x02C0 C238
0x02C1 0238
VD_THRLDx
Video Display Threshold Register
Video Display Horizontal Synchronization
0x02C0 023C
0x02C0 423C
0x02C0 823C
0x02C0 C23C
0x02C1 023C
VD_HSYNCx
Register
Video Display Field 1 Vertical
0x02C0 0240
0x02C0 4240
0x02C0 8240
0x02C0 C240
0x02C1 0240
VD_VSYNS1x
Synchronization Start Register
Video Display Field 1 Vertical
0x02C0 0244
0x02C0 4244
0x02C0 8244
0x02C0 C244
0x02C1 0244
VD_VSYNE1x
Synchronization End Register
Video Display Field 2 Vertical
0x02C0 0248
0x02C0 4248
0x02C0 8248
0x02C0 C248
0x02C1 0248
VD_VSYNS2x
Synchronization Start Register
Video Display Field 2 Vertical
0x02C0 024C
0x02C0 424C
0x02C0 824C
0x02C0 C24C
0x02C1 024C
VD_VSYNE2x
Synchronization End Register
0x02C0 0250
0x02C0 4250
0x02C0 8250
0x02C0 C250
0x02C1 0250
VD_RELOADx
Video Display Counter Reload Register
0x02C0 0254
0x02C0 4254
0x02C0 8254
0x02C0 C254
0x02C1 0254
VD_DISPEVTx
Video Display Display Event Register
0x02C0 0258
0x02C0 4258
0x02C0 8258
0x02C0 C258
0x02C1 0258
VD_CLIPx
Video Display Clipping Register
Video Display Default Display Value
0x02C0 025C
0x02C0 425C
0x02C0 825C
0x02C0 C25C
0x02C1 025C
VD_DEFVALx
Register
0x02C0 0260
0x02C0 4260
0x02C0 8260
0x02C0 C260
0x02C1 0260
VD_VINTx
Video Display Vertical Interrupt Register
0x02C0 0264
0x02C0 4264
0x02C0 8264
0x02C0 C264
0x02C1 0264
VD_FBITx
Video Display Field Bit Register
Video Display Field 1Vertical Blanking Bit
0x02C0 0268
0x02C0 4268
0x02C0 8268
0x02C0 C268
0x02C1 0268
VD_VBIT1x
Register
Video Display Field 2Vertical Blanking Bit
0x02C0 026C
0x02C0 426C
0x02C0 826C
0x02C0 C26C
0x02C1 026C
VD_VBIT2x
Register
0x5000 0000
0x5400 0000
0x5800 0000
0x5C00 0000
0x6000 0000
Y_SRCA
Y FIFO Source Register A
0x5000 0020
0x5400 0020
0x5800 0020
0x5C00 0020
0x6000 0020
CB_SRCA
CB FIFO Source Register A
0x5000 0040
0x5400 0040
0x5800 0040
0x5C00 0040
0x6000 0040
CR_SRCA
CR FIFO Source Register A
0x5000 0080
0x5400 0080
0x5800 0080
0x5C00 0080
0x6000 0080
Y_DSTA
Y FIFO Destination Register A
0x5000 00A0
0x5400 00A0
0x5800 00A0
0x5C00 00A0
0x6000 00A0
CB_DST
CB FIFO Destination Register
0x5000 00C0
0x5400 00C0
0x5800 00C0
0x5C00 00C0
0x6000 00C0
CR_DST
CR FIFO Destination Register
0x5200 0000
0x5600 0000
0x5A00 0000
0x5E00 0000
0x6200 0000
Y_SRCB
Y FIFO Source Register B
0x5200 0020
0x5600 0020
0x5A00 0020
0x5E00 0020
0x6200 0020
CB_SRCB
CB FIFO Source Register b
0x5200 0040
0x5600 0040
0x5A00 0040
0x5E00 0040
0x6200 0040
CR_SRCB
CR FIFO Source Register B
0x5200 0080
0x5600 0080
0x5A00 0080
0x5E00 0080
0x6200 0080
Y_DSTB
Y FIFO Destination Register B
Peripheral Information and Electrical Specifications
104
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com