Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BWS Datasheet(PDF) 108 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STA381BWS_V01 Datasheet HTML 104Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 105Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 106Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 107Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 108Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 109Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 110Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 111Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 174 page
background image
Register description: Sound Terminal compatibility
STA381BWS
108/174
DocID018937 Rev 7
4B
MISC1
RPDNEN
BRIDGOFF
CPWMEN
4C
MISC2
LPDP
LPD
LPDE
PNDLSL[2:0]
SHEN
4D
BPTH
BPTH(5:0)
4E
BADPWM
BP4B
BP4A
BP3B
BP3A
BP2B
BP2A
BP1B
BP1A
4F
BPTIM
BPTIM[7:0]
50
ZCCFG0
WTHH
WTHL
FINETH
HSEL[1:0]
ZMTH[2:0]
51
ZCCFG1
RMS_CH0[7:0]
52
ZCCFG2
RMS_CH0[15:8]
53
ZCCFG3
RMS_CH1[7:0]
54
ZCCFG4
RMS_CH1[15:8]
55
HPCFG
HPLN
MUTE
CPFEN
CPOK
ABFAULT
DCROK
58
F3XCFG1
F3XLNK
59
F3XCFG2
F3X_
FAULT
F3X_SM_SLOPE[2:0]
F3X_
MUTE
F3X_ENA
5A
STCCFG0
LIM_
BYP
STC_BYP STC_ENA
NP_
CRCRES
NP_CRC_
GO
5B
STCCFG1
STC_LNK BRC_EN
5E
MTH0
MTH[7:0]
5F
CHPSINC
CHPI
INITCNT[3:0]
CHPRD
60
BQCHKE0
BQ_CKE[7:0]
61
BQCHKE1
BQ_CKE[15:8]
62
BQCHKE2
BQ_CKE[23:16]
63
XCCHKE0
XC_CKE[7:0]
64
XCCHKE1
XC_CKE[15:8]
65
XCCHKE2
XC_CKE[23:16]
66
BQCHKR0
BQ_CKR[7:0]
67
BQCHKR1
BQ_CKR[15:8]
68
BQCHKR2
BQ_CKR[23:16]
69
XCCHKR0
XC_CKR[7:0]
6A
XCCHKR1
XC_CKR[15:8]
6B
XCCHKR2
XC_CKR[23:16]
6C
CHKCTRL
XCAUTO
XCRES
XCCMP
XCGO
BCAUTO
BCRES
BCCMP
BCGO
6E
MISC3
SRESET
7E
MISC4
SMAP
Table 100. I2C registers summary (continued)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com