Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA381BWS Datasheet(PDF) 151 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STA381BWS_V01 Datasheet HTML 147Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 148Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 149Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 150Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 151Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 152Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 153Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 154Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 174 page
background image
DocID018937 Rev 7
151/174
STA381BWS
Register description: Sound Terminal compatibility
The output PLL frequency formula is:
where Fin is the input clock frequency from the pad.
Table 164. PLL factors
PLL parameter
Min
Max
FRAC
0
65535
IDIV
0
3
NDIV
5
55
Table 165. PLL register 0x43 bits
Bit
R/W
RST
Name
Description
7
R/W
0
PLL_DITH(1:0)
00: PLL clock dithering disabled
01: PLL clock dithering enabled (triangular))
10: PLL clock dithering enabled (rectangular)
11: Reserved
6
R/W
0
5
R/W
0
NDIV
PLL loop divider
4
R/W
0
3
R/W
0
2
R/W
0
1
R/W
0
0
R/W
0
Table 166. PLL register 0x44 bits
Bit
R/W
RST
Name
Description
7
R/W
0
PLL_DPD
0: any PLL dividers change is implemented via PLL
power-down
1: PLL divider change will happen without PLL
power-down
6
R/W
0
PLL_FCT
0: PLL use integer ratio
1: PLL use fractional ratio
5
R/W
0
PLL_STB
PLL synchronous divider changes strobe
4
R/W
0
PLL_STBBYP
0: PLL_STB is active
1: PLL_STB control is bypassed
3
R/W
0
PLL_IDIV (3:0)
Input PLL divider
2
R/W
0
1
R/W
0
0
R/W
0
Fin
NDIV

IDIV 1
+

---------------------------
FRAC
65536
-----------------


+


Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com