| Electronic Components Datasheet Search |
|
L9679P Datasheet(PDF) 168 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Datasheet(HTML) 168 Page - STMicroelectronics |
|
168 / 279 page ![]() Deployment drivers L9679P 168/279 DS11627 Rev 7 Figure 35. Deployment timer diagnostic sequence Squib/pyroswitch diagnostic with common SRx connected loops In case of two SRx pins are intentionally connected together, the PD_CURR_CSR bit of the Deployment Configuration register (DCR_x, where x = 0, 2, 4, 6, 8, A) must be used to indicate which loop pairs have the common SRx connection. The purpose of this additional bit is to control the pull-down current on each channel to be consistent with or without the Common SRx connected loops. When the DCR_x(PD_CURR_CSR) bit is set for one loop pair and the Deployment diagnostic is run on that loop pair, the pull-down current is disabled on both channels of the loop pair selected. For the squib/pyroswitch channel pair with common SRx connection, to understand if the two SFx pins are shorted together, the squib/pyroswitch resistance measurement must be required with the following setting: LPDIAGREQ[12:11]=11. In this way the ISRC current generator is enabled on the channel selected by RES_MEAS_CHSEL[3:0] bits while the Differential Operational Amplifier is connected on the other channel of the squib/pyroswitch channel pair. If the short between the two SFx pin is not present then the Squib/pyroswitch resistance measurement results will be close to 0, otherwise it will be half the real squib/pyroswitch resistance. Loop diagnostics control and results registers Diagnostic tests and channels for each test are controlled through the Loop Diagnostic Request Register (LPDIAGREQ), diagnostic results are stored in the Loop Diagnostic Status Register (LPDIAGSTAT). GAPGPS02282 PT_WAIT PT2 PT3 PT4 PT12 PT_OFF PT5 PT6 PT7 PT8 PT9 PT10 PT11 PT1 PULSE_TEST1=1 for Tpulse_high PULSE_TESTother=0 PT_TMR=0 PT_TMR=Tpulse_period/ PULSE_TEST2=1 for Tpulse_high PULSE_TESTother=0 PT_TMR=0 PT_TMR=Tpulse_period/ PULSE_TEST3=1 for Tpulse_high PULSE_TESTother=0 PT_TMR=0 PT_TMR=Tpulse_period/ PULSE_TEST4=1 for Tpulse_high PULSE_TESTother=0 PT_TMR=0 PT_TMR=Tpulse_period/ PULSE_TEST5=1 for Tpulse_high PULSE_TESTother=0 PT_TMR=0 PT_TMR=Tpulse_period/ PULSE_TESTn=1 for Tpulse_high PULSE_TESTother=0 PT_TMR=0 PT_TMR=Tpulse_period/ PULSE_TEST12=1 for Tpulse_high PULSE_TESTother=0 PT_TMR=0 PT_TMR=Tpulse_period/ PULSE_TEST all_chx=0 PT_TMR=Tpulse_period/ PULSE_TESTx=0 DIAG state & SPI_SYSREQ(DSTEST=PULSE) / From any state: PULSE_TESTx=0 SSM_RESET / |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |