Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9679P Datasheet(PDF) 211 Page - STMicroelectronics

Part # L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Datasheet(HTML) 211 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 207Page - STMicroelectronics L9679P Datasheet HTML 208Page - STMicroelectronics L9679P Datasheet HTML 209Page - STMicroelectronics L9679P Datasheet HTML 210Page - STMicroelectronics L9679P Datasheet HTML 211Page - STMicroelectronics L9679P Datasheet HTML 212Page - STMicroelectronics L9679P Datasheet HTML 213Page - STMicroelectronics L9679P Datasheet HTML 214Page - STMicroelectronics L9679P Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 279 page
background image
DS11627 Rev 7
211/279
L9679P
ISO9141 Transceiver (K-Line)
278
14
ISO9141 Transceiver (K-Line)
A block diagram of the function is shown below. Data transmitted by the main
microcontroller is sent via the ISOTX pin and data is received via the ISORX pin. The bus
output is ISOK.
Figure 67. ISO9141 block diagram
When the ISOTX pin is asserted, logic high, the ISOK output will be disabled (pulled up by
an external resistor). When the ISOTX pin is logic low, the ISOK output will be enabled
(pulled down by the internal driver). This input pin contains an internal pull-up to command
the output to the disabled state in the event of an open circuit condition.
The ISORX pin has a push-pull output stage referenced to VDDQ voltage. This output is
asserted high when the voltage on the ISOK pin is above the ISOK input receiver threshold,
VBATMON, as defined in the electrical tables, while it is low when the voltage on the ISOK
pin is below the ISOK input receiver threshold with hysteresis.
ISOK output is a low side driver compatible with ISO9141 physical layer.
The output stage is protected against short circuits and diagnostics provide feedback for
current limit and thermal shutdown. While in current limit, the output stage will continue to
function until thermal limit is reached. If the thermal limit occurs, the output stage will shut
down until the temperature decreases below the limit threshold with hysteresis. The fault
status is reported in the ISO9141 Fault Status Register (ISOFLTSR).
CVDD
VIH
FLTSR1(ILIMXCVR)
FLTSR1(OTXCVR)
ISOK
VBAT
Thermal
Shutdown
Gate
Control
Filter
ISOTX
ISORX
td
Ilin
VIN
510
GAPG1901161548PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com