Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RLLA3-TR Datasheet(PDF) 159 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RLLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RLLA3-TR Datasheet(HTML) 159 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RLLA3-TR Datasheet HTML 155Page - Integrated Silicon Solution, Inc IS25LP256D-RLLA3-TR Datasheet HTML 156Page - Integrated Silicon Solution, Inc IS25LP256D-RLLA3-TR Datasheet HTML 157Page - Integrated Silicon Solution, Inc IS25LP256D-RLLA3-TR Datasheet HTML 158Page - Integrated Silicon Solution, Inc IS25LP256D-RLLA3-TR Datasheet HTML 159Page - Integrated Silicon Solution, Inc IS25LP256D-RLLA3-TR Datasheet HTML 160Page - Integrated Silicon Solution, Inc IS25LP256D-RLLA3-TR Datasheet HTML 161Page - Integrated Silicon Solution, Inc IS25LP256D-RLLA3-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc IS25LP256D-RLLA3-TR Datasheet HTML 163Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
159
Rev A15
08/05/2024
8.61 READ PASSWORD OPERATION (RDPWD, E7h)
The correct password value may be read only after it is programmed and before the Password Mode has been
selected by programming the Password Protection Mode bit to “0” in the ASP Register (ASP[2]). After the Password
Protection Mode is selected the RDPWD command is ignored.
The RDPWD command is shifted in. Then the 64-bit Password is shifted out, least significant byte first, most
significant bit of each byte first. Each bit is shifted out at the SCK frequency by the falling edge of the SCK signal.
It is possible to read the Password continuously by providing multiples of 64bits. The maximum operating clock
frequency for the RDPWD command is the same with Fast Read Operation.
Figure 8.142 Read password Sequence In SPI Mode
Instruction = E7h
CE #
SCK
SI
SO
0
1
...
7
8
9
...
15
16
17
...
23
...
64
65
...
Mode 3
Mode 0
tV
7
15
14
8
6
...
0
63
62
56
...
...
...
71
1
st byte Data Out
2
nd byte Data Out
...
8
th byte Data Out
Figure 8.143 Read Password Sequence In QPI Mode
E7h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
4
5
tV
...
16
17
1
st byte
Data In
2
nd byte
Data In
...
8
th byte
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com