Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 178 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 178 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 171Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 172Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 173Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 174Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 175Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 176Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 177Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 178Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 179Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 178 / 179 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
178
Rev A15
08/05/2024
11. ORDERING INFORMATION
– Valid Part Numbers
IS25LP 256 D
-
J M L E - TR
PACKING
TR = Tape and Reel
TY = Tray
Blank = Bulk
TEMPERATURE RANGE
E = Extended (-40°C to +105°C)
A3 = Automotive Grade (-40°C to +125°C)
PACKAGING CONTENT
L = Halogen-free, RoHS & TSCA Compliant
PACKAGE Type
L = 8-contact WSON (8x6mm)
J = 8-contact WSON (8x6mm), Pad Open = 3.4mmx4.3mm
M = 16-pin SOIC 300mil
G = 24-ball TFBGA 4x6 ball array
H = 24-ball TFBGA 5x5 ball array
W = KGD
Option
J = Standard
R = Dedicated RESET# pin (or ball)
Q = QE bit set to 1
P = Dedicated RESET# pin (or ball) + QE bit set to 1
Die Revision
D = Revision D
Density
256 = 256 Megabit
BASE PART NUMBER
IS = Integrated Silicon Solution Inc.
25LP = FLASH, 2.30V ~ 3.60V, QPI
25WP = FLASH, 1.65V ~ 1.95V, QPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com