Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433RCT3 Datasheet(PDF) 223 Page - STMicroelectronics

Part # STM32L433RCT3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433RCT3 Datasheet(HTML) 223 Page - STMicroelectronics

Back Button STM32L433RCT3 Datasheet HTML 219Page - STMicroelectronics STM32L433RCT3 Datasheet HTML 220Page - STMicroelectronics STM32L433RCT3 Datasheet HTML 221Page - STMicroelectronics STM32L433RCT3 Datasheet HTML 222Page - STMicroelectronics STM32L433RCT3 Datasheet HTML 223Page - STMicroelectronics STM32L433RCT3 Datasheet HTML 224Page - STMicroelectronics STM32L433RCT3 Datasheet HTML 225Page - STMicroelectronics STM32L433RCT3 Datasheet HTML 226Page - STMicroelectronics STM32L433RCT3 Datasheet HTML 227Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 223 / 227 page
background image
DS11449 Rev 7
223/227
STM32L433xx
Revision history
226
21-Apr-2017
3
(continued)
Updated Section 3.9.3: Voltage regulator.
Added Table 4: STM32L433xx modes overview.
Updated Table 6: STM32L433xx peripherals
interconnect matrix.
Added Section 3.23.5: Infrared interface (IRTIM).
Updated Section 3.26: Universal
synchronous/asynchronous receiver transmitter
(USART).
Updated Figure 6: STM32L433Vx LQFP100 pinout(1).
Updated Figure 7: STM32L433Vx UFBGA100 ballout(1).
Updated Figure 8: STM32L433Rx LQFP64 pinout(1).
Added Figure 9: STM32L433Rx, external SMPS device,
LQFP64 pinout(1).
Updated Figure 10: STM32L433Rx UFBGA64 ballout(1).
Updated Figure 11: STM32L433Rx WLCSP64 pinout(1).
Updated Figure 12: STM32L433Cx WLCSP49 pinout(1).
Updated Figure 13: STM32L433Cx LQFP48 pinout(1).
Updated Figure 14: STM32L433Cx UFQFPN48
pinout(1).
Updated Table 15: STM32L433xx pin definitions.
Updated Figure 19: Current consumption measurement
scheme with and without external SMPS power supply.
Updated Section 6.2: Absolute maximum ratings
including Table 19: Voltage characteristics.
Added SMPS note to Table 20: Current characteristics.
Updated Table 22: General operating conditions.
Updated Section 6.3.5: Supply current characteristics.
Added Table 27: Current consumption in Run modes,
code with data processing running from flash, ART
enable (Cache ON Prefetch OFF) and power supplied
by external SMPS (VDD12 = 1.10 V).
Added Table 27: Current consumption in Run modes,
code with data processing running from flash, ART
enable (Cache ON Prefetch OFF) and power supplied
by external SMPS (VDD12 = 1.10 V).
Added Table 29: Current consumption in Run modes,
code with data processing running from flash, ART
disable and power supplied by external SMPS (VDD12
= 1.10 V).
Added Table 31: Current consumption in Run, code with
data processing running from SRAM1 and power
supplied by external SMPS (VDD12 = 1.10 V).
Added Table 33: Typical current consumption in Run,
with different codes running from flash, ART enable
(Cache ON Prefetch OFF) and power supplied by
external SMPS (VDD12 = 1.10 V).
Added Table 34: Typical current consumption in Run,
with different codes running from flash, ART enable
(Cache ON Prefetch OFF) and power supplied by
external SMPS (VDD12 = 1.05 V).
Table 117. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com