Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT13-12PA-R015 Datasheet(PDF) 127 Page - TE Connectivity Ltd

Part # DT13-12PA-R015
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DT13-12PA-R015 Datasheet(HTML) 127 Page - TE Connectivity Ltd

Back Button DT13-12PA-R015 Datasheet HTML 123Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 124Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 125Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 126Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 127Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 128Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 129Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 130Page - TE Connectivity Ltd DT13-12PA-R015 Datasheet HTML 131Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 127
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Seal, flange, DRC13, 40 way, recept.
0513-014-4006
Seal, flange, DRC22, DRC23, 40 way, recept.
0513-020-4006
Seal, flange, DRC23-64PAA, recept.
0513-029-6406
Seal, front, DRC, 24 way, plug
0513-009-2406
Seal, front, DRC, 40 way, plug, without keys
0513-002-0006
Seal, front, DRC, 40 way, plug, DRC18-40S*
0513-010-4006
Seal, front, DRC, 70 way, plug
0513-011-7006
DT Series
Seal, flange, DT, 12 way, recept., DT04-12PA-LE03 and DT04-12PA-LE09
1013-003-1206
Seal, flange, DT13/15, 2 way, recept.
1013-008-0206
Seal, flange, DT13/15, 4 way, recept.
1013-007-0406
Seal, flange, DT13/15, 6 way, recept.
1013-004-0606
Seal, flange, DT13/15, 8 way, recept.
1013-005-0806
Seal, flange, DT13/15, 12 way, recept.
1013-006-1206
Seal, front, DT, 2 way, plug
1010-009-0206
Seal, front, DT, 3 way, plug
1010-002-0306
Seal, front, DT, 3 way, plug, fluorosilicone, DT06-3S-EF02
1010-069-0306
Seal, front, DT, 4 way, plug
1010-016-0406
Seal, front, DT, 6 way, plug
1010-017-0606
Seal, front, DT, 8 way, plug
1010-007-0806
Seal, front, DT, 12 way, plug
1010-020-1206
Seal, front, enhanced, DT, 2 way, plug
1010-064-0206
Seal, front, enhanced, DT, 3 way, plug
1010-062-0306
Seal, front, enhanced, DT, 4 way, plug
1010-066-0406
Seal, front, enhanced, DT, 6 way, plug
1010-070-0606
Seal, front, enhanced, DT, 8 way, plug
1010-063-0806
Seal, front, enhanced, DT, 12 way, plug
1010-058-1206
DTM Series
Seal, flange, DTM13/15, 12 way, recept.
1013-011-1206
Seal, internal, DTM, 2 way, recept.
1010-033-0206
Seal, internal, DTM, 3 way, recept.
1010-044-0306



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com