| Electronic Components Datasheet Search |
|
DT13-24PAB-R015 Datasheet(PDF) 161 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
DT13-24PAB-R015 Datasheet(HTML) 161 Page - TE Connectivity Ltd |
|
161 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 161 GLOSSARY TERM DEFINITION L Locator A device in a crimp tool to help provide proper contact position during crimping. Lockwasher Thin metal ring used between the panel nut and mounting surface to create spring force to provide a tight fitting mount. M Mounting Clip A plastic or metal piece that attaches to a non-flanged connector to allow surface mounting. N “N” Seal Normal wire seal diameter. O O-Ring Circular seal found around the inside diameter of a receptacle: typically made from elastomeric or silicone material. Provides an environ- mental seal. P Panel Nut A hexagonal threaded plastic or metal ring. Along with a lockwasher, a panel nut is used for mounting. Partial Strip A quantity less than a standard full reel of stamped & formed contacts. PCB Mount Connectors designed for wire to printed circuit board applications. Pin Wire termination with solid mating end. Provides connection by insertion into a female or socket contact. Also referred to as male con- tact. Plug One half of a mated pair of connectors. Plugs typically have the locking mechanism for the mated pair, usually house the sockets, and mate with a receptacle. Primary Latch Reinforcement (PLR) Locking mechanism that snaps into place on the mating face of a connector after the connector is populated. A PLR holds contacts in correct alignment for mating and prevents them from being removed. R Receptacle One half of a mated pair of connectors. Receptacles mate with a plug and usually house pins. Receptacle (contact) Wire termination with hollow mating end into which the pin or male terminal is inserted. Also referred to as a female contact. Reduced Diameter Seal Smaller than standard holes in the connector grommet. Removal Tool Device to disengage contacts from connector body. Retaining Bolt Screw used to draw and hold mating connectors together. Retaining Sleeve Lining sheath that fits into receptacle body to maintain internal seal and provide keying. Reverse Arrangement Non-standard cavity/contact assignment (eg. Plug connectors that require pin contacts, and receptacles that require socket contacts). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |