Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMMA2ES Datasheet(PDF) 154 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 154 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 150Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 151Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 152Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 153Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 154Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 155Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 156Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 157Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 158Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
• The device is powered down into any of the OFF states
• The device moves into the DFS state
• The XFAILB pin is asserted externally
• A dynamic CRC (DCRC) fault is present
• A VIN_OV condition is present
• An XRESET event is present
• An OV/UV/ILIM condition is present and the fault is not bypassed
• An FCCU failure is detected
• An ERRMON failure is detected
• The BGMON detects a bandgap drift condition
• The CLKMN detects a clock drift condition
• A short condition is detected on PGOOD or FS0B outputs
During the RUN states, every time the FS0B pin is asserted the MCU must perform the necessary diagnostic
to clear all fault conditions and request an FS0B release command, to release the pin and resume normal
operation.
14.5.1 FS0B pin diagnostic bit
The FS0B_S bit provides the real-time state of the FS0B pin.
FS0B_S
FS0B status
0
Pin sensed LOW
1
Pin sensed HIGH
Table 199. FS0B status bit
The FS0B_FLT_I interrupt is provided to notify the system of a short-to-high or short-to-low condition on the
FS0B pin. The FS0B fault event will assert the INTB pin if the FS0B_FLT_I interrupt is not masked.
The MCU can inspect the specific condition causing the FS0B_FLT_I interrupt to assert by reading the real-time
sense bits FS0B_S2H (short to high) and FS0B_S2L (short to low).
When the FS0B pin is being driven LOW internally, and the FS0B_S bit is sensing a HIGH state, the FS0B_S2H
bit is set HIGH until the condition is no longer present.
When the FS0B pin is released HIGH internally, and the FS0B_S is sensing a LOW state, the FS0B_S2L bit is
set HIGH until the condition is no longer present.
Note: Bits with _S in the names are sense bits, which are real time. Their values may disappear after the
condition in question goes away. Bits with _I in their names may be called flags or interrupt bits. These are
sticky bits, and their values will remain after the event is over.
14.5.2 Redundant FS0B control
The FS0B pin is provided with redundant control logic to ensure the pin is able to enter the safe state during
critical fault conditions (aside from the standard monitoring mechanism), including the loss of the main control
input supply (VIN), loss or misbehavior of the internal logic supply (VDIG), and the loss or misbehavior of
internal clocks.
In devices targeting high safety integrity levels featuring the digital machine supervisor (DMS) block, secondary
control for the FS0B pin is provided by the DMS circuit to support FS0B assertion on fault conditions generated
due to a misbehavior or inoperation of the main logic controller.
The third level of redundancy for the FS0B is achieved with an analog path to ensure the pin is asserted LOW
if none of the primary control paths are available. The analog path is intended to provide hard control of the
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
154 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com