Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AVSA2ES Datasheet(PDF) 150 Page - NXP Semiconductors

Part # MPF0900AVSA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES Datasheet(HTML) 150 Page - NXP Semiconductors

Back Button MPF0900AVSA2ES Datasheet HTML 146Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 147Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 148Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 149Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 150Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 151Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 152Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 153Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 154Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
WD_DURATION[3:0]
Watchdog timer duration
1011
2048 ms
1100
4096 ms
1101
8192 ms
1110
16384 ms
1111
32768 ms
Table 196. System watchdog timer configuration bits...continued
At power up, the WD timer will start counting only after the RSTB pin is released in the Power-up sequence.
The default value of the WD_DURATION[3:0] bits is set on OTP by the OTP_WD_DURATION[3:0] bits.
The system can define a longer timer duration at power up, to allow the MCU to perform its booting sequence,
and then reduce the timer duration to ensure a fault detection within the required system FTTI. When the
WD_DURATION[3:0] bits are changed during the SYSTEM ON states, the WD timer will be restarted to ensure
the system is properly synchronized with the MCU.
The OTP_WD_WINDOW[1:0] bits are provided to select the close/open ratio to service the system watchdog.
OTP_WD_WINDOW[1:0]
Close window
Open window
00
0 %
100 %
01
25 %
75 %
10
50 %
50 %
11
75 %
25 %
Table 197. System watchdog window configuration bits
When OTP_WD_WINDOW = 00, the device will use 100 % of the WD_DURATION as an open window to
service the WD. Any other selection will close the watchdog window for the first part of the timer and open the
window for the second part of the timer. Servicing the watchdog within the closed window, or failing to service
the WD within the watchdog duration, will be interpreted as a bad watchdog refresh.
The WD_NOK_CNT[2:0] counter is provided to count WD_NOK events, in order to be able to generate a PMIC
reset event if a fault condition is present on the MCU. The WD_NOK_CNT counter uses a 2-by-1 count strategy
to ensure the system is not caught in a software loop that is able to service one good WD per each bad WD
within the loop.
• An invalid response will increase the WD_NOK_CNT[2:0] by 2
• A valid response will decrease the WD_NOK_CNT[2:0] by 1
If WD_NOK_CNT[2:0] = WD_NOK_MAX[2:0], the device will generate a hard reset event and the
RESET_CNT[3:0] bits will be increased by 1. Refer to section 16.4.2 Reset Conditions, for a detailed description
of the reset behavior.
The initial value for the WD_NOK_MAX[2:0] is set in the OTP by the OTP_WD_NOK_MAX[2:0] bits.
The WD_NOK_CNT counter uses a 2-by-1 count strategy to ensure the system is not caught in a software loop
that is able to service one good WD per each bad WD within the loop.
• An invalid response will increase the WD_NOK_CNT[2:0] by 2
• A valid response will decrease the WD_NOK_CNT[2:0] by 1
Due to the 2-by-1 design of the watchdog counter, when the WD_NOK_MAX[2:0] is set to 0x01 or 0x02, a WD
reset event will be initiated as soon as the first bad WD refresh occurs.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
150 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com