Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AVSA2ES Datasheet(PDF) 189 Page - NXP Semiconductors

Part # MPF0900AVSA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA2ES Datasheet(HTML) 189 Page - NXP Semiconductors

Back Button MPF0900AVSA2ES Datasheet HTML 185Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 186Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 187Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 188Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 189Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 190Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 191Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 192Page - NXP Semiconductors MPF0900AVSA2ES Datasheet HTML 193Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
18 Operating conditions
All parameters are specified at TA = -40 to 125 °C, VIN = UVDET to 5.5 V, typical external component values unless
otherwise noted. Typical values are characterized at VIN = 5.0 V, TA = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
VIN
Main Input supply voltage
UVDET
–
5.5
V
VSWxIN
SWx regulator input supply[1][2]
UVDET
–
5.5
V
VLDO1IN
LDO1 regulator input supply
1.8
–
5.5
V
VLDOxIN
LDO2 / LDO3 regulator input supply
1.8
–
5.5
V
VDDIO
Typical IO Voltage Supply.
(Tolerance: Nominal +/- 7%)
1.8
–
3.3
V
IQ_ULPOFF
Ultra-low power mode quiescent current
• VAON regulator disabled
• Max IQ Current at TA = 85 °C
• VDDIO = 0 V
–
5
10
µA
IQ_LPOFF
Low-power mode quiescent current
• VAON regulator disabled
• Max IQ current at TA = 85 °C
• VDDIO = 0 V
–
40
70
µA
IQ_SYSON
SYSTEM ON quiescent current
• VAON regulator disabled
• All system regulators off
• High-frequency clock enabled
• VDDIO = 0 V
–
1800
2500
µA
IQ_STBY
STANDBY quiescent current
• VAON regulator disabled
• All system regulators off
• In low-power Standby (OTP_LP_STBY = 1)
• High-frequency clock disabled
• Max IQ Current at TA = 85 °C
• VDDIO = 0 V
–
100
200
µA
IQ_DFS
Deep Fail-safe (DFS) quiescent current
• Max IQ current at TA = 85 °C
• VDDIO = 0 V
–
40
70
µA
Table 236. Operating conditions
[1]
VSWxIN must be connected to VIN supply to ensure proper operation of the switching regulators.
[2]
Minimum VSWxIN supply must be higher than VSWxOUT + headroom.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
189 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com