Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021CV33 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C1021CV33
Description  1-Mbit (64K x 16) Static RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV33 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C1021CV33_08 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 9Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 10Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 11Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 12Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 13Page - Cypress Semiconductor CY7C1021CV33_08 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CY7C1021CV33
Document Number: 38-05132 Rev. *I
Page 13 of 14
Figure 11. 48-Ball FBGA (7 x 7 x 1.2 mm)
Package Diagrams (continued)
G
F
E
D
C
B
A
5
64
3
2
1
PIN 1 CORNER
3.75
0.75
Ø0.30±0.05(48X)
Ø0.25MCAB
0.15(4X)
1.20 MAX.
SEATING PLANE
H
E
H
F
G
A
B
C
D
6
5
12
3
4
PIN 1 CORNER
TOP VIEW
BOTTOM VIEW
7.00±0.10
A
B
Ø0.05 M C
(LASER MARK)
B
A
C
7.00±0.10
1.875
51-85096-*G
[+] Feedback


Similar Part No. - CY7C1021CV33_08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021CV33_08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com