Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FOXF1 Datasheet(PDF) 209 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 209 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 205Page - STMicroelectronics ST7FOXF1 Datasheet HTML 206Page - STMicroelectronics ST7FOXF1 Datasheet HTML 207Page - STMicroelectronics ST7FOXF1 Datasheet HTML 208Page - STMicroelectronics ST7FOXF1 Datasheet HTML 209Page - STMicroelectronics ST7FOXF1 Datasheet HTML 210Page - STMicroelectronics ST7FOXF1 Datasheet HTML 211Page - STMicroelectronics ST7FOXF1 Datasheet HTML 212Page - STMicroelectronics ST7FOXF1 Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Electrical characteristics
209/226
12.11
10-bit ADC characteristics
Subject to general operating condition for VDD, fOSC, and TA unless otherwise specified.
Figure 91.
Typical application with ADC
Table 90.
ADC characteristics
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Unit
fADC
ADC clock frequency
4
MHz
VAIN
Conversion voltage range
VSSA
VDDA
V
RAIN
External input resistor
VDD = 5 V, fADC = 4 MHz
8k(2)
Ω
4.5 V
≤ V
DD ≤ 5.5 V, fADC = 2 MHz
10k(2)
CADC
Internal sample and hold
capacitor
6pF
tSTAB
Stabilization time after ADC
enable
f
CPU = 8 MHz, fADC = 4 MHz
0(3)
µs
tADC
Conversion time (Sample+Hold)
3.5
- Sample capacitor loading time
- Hold conversion time
4
10
1/fADC
1.
Unless otherwise specified, typical data are based on TA = 25 °C and VDD-VSS = 5 V. They are given only as design
guidelines and are not tested.
2.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than the maximum
value). Data guaranteed by Design, not tested in production.
3.
The stabilization time of the A/D converter is masked by the first tLOAD. The first conversion after the enable is then always
valid.
AINx
ST7xxx
VDD
IL
±1
µA
VT
0.6 V
VT
0.6 V
CADC
VAIN
RAIN
10-Bit A/D
Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com