Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FOXF1 Datasheet(PDF) 220 Page - STMicroelectronics

Part # ST7FOXF1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXF1 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button ST7FOXF1 Datasheet HTML 216Page - STMicroelectronics ST7FOXF1 Datasheet HTML 217Page - STMicroelectronics ST7FOXF1 Datasheet HTML 218Page - STMicroelectronics ST7FOXF1 Datasheet HTML 219Page - STMicroelectronics ST7FOXF1 Datasheet HTML 220Page - STMicroelectronics ST7FOXF1 Datasheet HTML 221Page - STMicroelectronics ST7FOXF1 Datasheet HTML 222Page - STMicroelectronics ST7FOXF1 Datasheet HTML 223Page - STMicroelectronics ST7FOXF1 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 226 page
background image
Package mechanical data
ST7FOXF1, ST7FOXK1, ST7FOXK2
220/226
14
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 94.
20-pin plastic small outline package, 300-mil width, package outline
Table 97.
20-pin plastic small outline package, 300-mil width, mechanical data
Dim.
mm
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65
0.0925
0.1043
A1
0.10
0.30
0.0039
0.0118
B
0.33
0.51
0.0130
0.0201
C
0.23
0.32
0.0091
0.0126
D
12.60
13.00
0.4961
0.5118
E
7.40
7.60
0.2913
0.2992
e
1.27
0.0500
H
10.00
10.65
0.3937
0.4193
h
0.25
0.75
0.0098
0.0295
α
0°
8°
0°
8°
L
0.40
1.27
0.0157
0.0500
Number of Pins
N20
EH
A
A1
B
e
D
c
h x 45×
L
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com