Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FOXK1 Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 142Page - STMicroelectronics ST7FOXK1 Datasheet HTML 143Page - STMicroelectronics ST7FOXK1 Datasheet HTML 144Page - STMicroelectronics ST7FOXK1 Datasheet HTML 145Page - STMicroelectronics ST7FOXK1 Datasheet HTML 146Page - STMicroelectronics ST7FOXK1 Datasheet HTML 147Page - STMicroelectronics ST7FOXK1 Datasheet HTML 148Page - STMicroelectronics ST7FOXK1 Datasheet HTML 149Page - STMicroelectronics ST7FOXK1 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 226 page
background image
On-chip peripherals
ST7FOXF1, ST7FOXK1, ST7FOXK2
146/226
Master mode
To switch from default Slave mode to Master mode a Start condition generation is needed.
Start condition
Setting the START bit while the BUSY bit is cleared causes the interface to switch to Master
mode (M/SL bit set) and generates a Start condition.
Once the Start condition is sent, the EVF and SB bits are set by hardware with an interrupt if
the ITE bit is set.
The master then waits for a read of the SR1 register followed by a write in the DR register
with the Slave address, holding the SCL line low (see Figure 71 Transfer sequencing
EV5).
Slave address transmission
1.
The slave address is then sent to the SDA line via the internal shift register.
–
In 7-bit addressing mode, one address byte is sent.
–
In 10-bit addressing mode, sending the first byte including the header sequence
causes the following event. The EVF bit is set by hardware with interrupt
generation if the ITE bit is set.
2.
The master then waits for a read of the SR1 register followed by a write in the DR
register, holding the SCL line low (see Figure 71 Transfer sequencing EV9).
3.
Then the second address byte is sent by the interface.
4.
After completion of this transfer (and acknowledge from the slave if the ACK bit is set),
the EVF bit is set by hardware with interrupt generation if the ITE bit is set.
5.
The master waits for a read of the SR1 register followed by a write in the CR register
(for example set PE bit), holding the SCL line low (see Figure 71 Transfer sequencing
EV6).
6.
Next the master must enter Receiver or Transmitter mode.
Note:
In 10-bit addressing mode, to switch the master to Receiver mode, software must generate
a repeated Start condition and resend the header sequence with the least significant bit set
(11110xx1).
Master receiver
Following the address transmission and after SR1 and CR registers have been accessed,
the master receives bytes from the SDA line into the DR register via the internal shift
register. After each byte the interface generates in sequence:
●
Acknowledge pulse if the ACK bit is set
●
EVF and BTF bits are set by hardware with an interrupt if the ITE bit is set.
Then the interface waits for a read of the SR1 register followed by a read of the DR register,
holding the SCL line low (see Figure 71 Transfer sequencing EV7).
To close the communication: before reading the last byte from the DR register, set the STOP
bit to generate the Stop condition. The interface goes automatically back to slave mode
(M/SL bit cleared).
Note:
In order to generate the non-acknowledge pulse after the last received data byte, the ACK
bit must be cleared just before reading the second last data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com