Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72361 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 98Page - STMicroelectronics ST72361_07 Datasheet HTML 99Page - STMicroelectronics ST72361_07 Datasheet HTML 100Page - STMicroelectronics ST72361_07 Datasheet HTML 101Page - STMicroelectronics ST72361_07 Datasheet HTML 102Page - STMicroelectronics ST72361_07 Datasheet HTML 103Page - STMicroelectronics ST72361_07 Datasheet HTML 104Page - STMicroelectronics ST72361_07 Datasheet HTML 105Page - STMicroelectronics ST72361_07 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 224 page
background image
ST72361
102/224
8-BIT TIMER (Cont’d)
10.5.4 Low Power Modes
10.5.5 Interrupts
Note: The 8-bit Timer interrupt events are connected to the same interrupt vector (see Interrupts chapter).
These events generate an interrupt if the corresponding Enable Control Bit is set and the interrupt mask
in the CC register is reset (RIM instruction).
10.5.6 Summary of Timer modes
1) See note 4 in “One Pulse Mode” on page 100
2) See note 5 in “One Pulse Mode” on page 100
3) See note 4 in “Pulse Width Modulation Mode” on page 102
Mode
Description
WAIT
No effect on 8-bit Timer.
Timer interrupts cause the device to exit from WAIT mode.
HALT
8-bit Timer registers are frozen.
In HALT mode, the counter stops counting until Halt mode is exited. Counting resumes from the previous
count when the MCU is woken up by an interrupt with “exit from HALT mode” capability or from the counter
reset value when the MCU is woken up by a RESET.
If an input capture event occurs on the ICAPi pin, the input capture detection circuitry is armed. Consequent-
ly, when the MCU is woken up by an interrupt with “exit from HALT mode” capability, the ICFi bit is set, and
the counter value present when exiting from HALT mode is captured into the ICiR register.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Input Capture 1 event/Counter reset in PWM mode
ICF1
ICIE
Yes
No
Input Capture 2 event
ICF2
Output Compare 1 event (not available in PWM mode)
OCF1
OCIE
Output Compare 2 event (not available in PWM mode)
OCF2
Timer Overflow event
TOF
TOIE
MODES
AVAILABLE RESOURCES
Input Capture 1
Input Capture 2
Output Compare 1 Output Compare 2
Input Capture (1 and/or 2)
Yes
Yes
Yes
Yes
Output Compare (1 and/or 2)
One Pulse Mode
No
Not Recommended1)
No
Partially 2)
PWM Mode
Not Recommended3)
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com