Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39RF10 Datasheet(PDF) 120 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 120 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 116Page - Texas Instruments DAC39RF10 Datasheet HTML 117Page - Texas Instruments DAC39RF10 Datasheet HTML 118Page - Texas Instruments DAC39RF10 Datasheet HTML 119Page - Texas Instruments DAC39RF10 Datasheet HTML 120Page - Texas Instruments DAC39RF10 Datasheet HTML 121Page - Texas Instruments DAC39RF10 Datasheet HTML 122Page - Texas Instruments DAC39RF10 Datasheet HTML 123Page - Texas Instruments DAC39RF10 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 232 page
background image
stretches from the minimum to maximum delay for all lanes. Essentially, the designer must make sure that the
data for all lanes arrives at all devices after the previous release point occurs and before the next release point
occurs. The invalid region can also be found experimentally - see Programming RBD.
Figure 7-54 provides a simplified timing diagram that demonstrates this requirement. In this figure, the data for
two transmitters (ADC or logic device) is shown. The second transmitter (TX 2) has a longer routing distance
(tPCB) and results in a longer link delay than the first transmitter (TX 1). First, the invalid region of the LMFC
period is marked off as determined by the data arrival times for all devices. Then, the release point is set by
using the release buffer delay (RBD) parameter to shift the release point an appropriate number of quad-octet
steps from the LMFC edge so that the release point occurs within the valid region of the LMFC cycle. In the
case of Figure 7-54, the LMFC edge (RBD = 0) is a good choice for the release point because there is sufficient
margin on each side of the valid region.
TX LMFC/LEMC
RX LMFC/LEMC
TX 1 Data
Propagation
t
TX
t
PCB
t
RX-DESER
Time
TX 2 Data
Propagation
t
TX
t
PCB
Invalid Region
of LMFC/LEMC
Valid Region of
LMFC/LEMC
Nominal Link Delay
(Arrival at Elastic Buffer)
Link Delay
Variation
Choose LMFC/LEMC
edge as release point
(RBD = 0)
Release point
margin
t
RX-DESER
Figure 7-54. LMFC Valid Region Definition for Elastic Buffer Release Point Selection
The TX and RX LMFC do not necessarily need to be phase aligned, but knowledge of their phase is important
for proper elastic buffer release point selection. Also, the elastic buffer release point occurs within every LMFC
cycle, but the buffers only release when all lanes have arrived. Therefore, the total link delay can exceed a
single LMFC period; see JESD204B multi-device synchronization: Breaking down the requirements for more
information.
7.3.7.8.1 Programming RBD
The range of values for RBD depends on the phase delta between the Rx and Tx LMFC/LEMC, as well as link
latencies in the Tx, channel, and Rx. Therefore, do not provide a pre-determined RBD value that is appropriate
for all systems. The LANE_ARR registers are provided to help the user measure lane arrival times and select an
appropriate RBD value for the system. For deterministic latency, the RBD value can be selected during system
prototyping and stored in system firmware. Calculating RBD each time the system is turned on can result in
non-deterministic latency.
The arrival times are reported in units of quad-bytes and are measured with respect to a modulo-64 reference
counter that increments for each quad-byte received (per lane). The reference counter is aligned (reset) by
SYSREF.
Since the lane arrival times are modulo-values, it is important to use arithmetic that accounts for the modulus
(the latest arriving lane might actually have a smaller LANE_ARR value than the earliest arriving lane). Figure
7-55 and Figure 7-56 depict the RBD calculation graphically to emphasize this. The lane arrival times are
mapped onto a circle with a circumference of 64 quad-bytes which corresponds to the modulo-64 counter used
to measure lane arrival times.
The earliest usable RBD value is equal to the latest LANE_ARR value plus 1 (modulo 64). The latest usable
RBD value is equal to the earliest LANE_ARR value plus the buffer depth (modulo 64) (the buffer depth is 16
quad-octets, except when K x F = 32, then the buffer depth is reduced to 8 quad-octets). Note that the latest,
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
120
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com