Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39RF10 Datasheet(PDF) 133 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 133 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 129Page - Texas Instruments DAC39RF10 Datasheet HTML 130Page - Texas Instruments DAC39RF10 Datasheet HTML 131Page - Texas Instruments DAC39RF10 Datasheet HTML 132Page - Texas Instruments DAC39RF10 Datasheet HTML 133Page - Texas Instruments DAC39RF10 Datasheet HTML 134Page - Texas Instruments DAC39RF10 Datasheet HTML 135Page - Texas Instruments DAC39RF10 Datasheet HTML 136Page - Texas Instruments DAC39RF10 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 232 page
background image
In JESD204C subclass 1 operation, the latency TDAC_LAT from the SYSREF input to DAC output is deterministic
and is provided in the Excel spreadsheet calculator. The JESD204C link latency is deterministic as long as
SYSREF is sampled reliably and the RBD value is set properly.
SYSREF Processor
Delay
Embed
mul frame/
EMB ming
info
PHY Layer + Link
Layer + RxFIFO setup
me
Scramble,
Encode,
Serialize
RxFIFO
(Hold data un l
release)
RBD Delay
SYSREF Process
Delay (TRxLMFC)
App/
Transport
Layer
Tx
RxLMFC
Release FIFO
Rx
Inequalities must me met for
deterministic link operation. Adjust
RBD to make inequalities true.
red_path(max) < blue_path + n*TMF
red_path(min) > blue_path + (n-1)*TMF
n is any integer (typically 0, 1, or 2)
TMF is the period of the multiframe/EMB
SYSREF
JESD204C Link (Determinis c Latency)
(determinis c)
(determinis c)
(determinis c)
(non-determinis c)
(non-determinis c)
TRxIN
(determinis c)
DUC, DAC
DAC Output
TDAC_LAT
TRELEASE
PCB
Traces
Link-to-
Trans
bu er
Transport
Layer
Transport & Applica on Layer (determinis c)
JMODE,
DUC_L, RBD
DUC_L, NCO_EN,
DES2X
JMODE,
DUC_L
Delay Dependancies
TDAC_LAT0 (subclass 0 only)
Figure 7-57. Definition of Device Latencies
Table 7-43. Latency Definitions
Latency Parameter
Definition
TRELEASE
Latency from the rising edge of CLK that follows the rising edge of SYSREF to release event for elastic buffer.
(subclass 1 only).
TDAC_LAT
Latency from the rising edge of CLK that follows the rising edge of SYSREF to the time of the first sample at
the DAC output of the multiframe/extended multiblock launched by SYSREF (subclass 1 only).
TRxIN
Latency from the receiver data inputs to the elastic buffer input, including the minimum setup time of the elastic
buffer. This is non-deterministic, so a minimum and maximum limit are provided.
TDAC_LAT0
Latency from receiver data inputs (multiframe/EMB boundary) to first sample of a multiframe launched on DAC
output. This is non-deterministic, so a minimum and maximum limit are provided (subclass 0 only).
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
133
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com