Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM261...ZFG Datasheet(PDF) 203 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 203 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 199Page - Texas Instruments AM261...ZFG Datasheet HTML 200Page - Texas Instruments AM261...ZFG Datasheet HTML 201Page - Texas Instruments AM261...ZFG Datasheet HTML 202Page - Texas Instruments AM261...ZFG Datasheet HTML 203Page - Texas Instruments AM261...ZFG Datasheet HTML 204Page - Texas Instruments AM261...ZFG Datasheet HTML 205Page - Texas Instruments AM261...ZFG Datasheet HTML 206Page - Texas Instruments AM261...ZFG Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 218 page
background image
www.ti.com
C
1.3 MAX
0.33
0.23
TYP
12.35
TYP
12.35 TYP
0.65 TYP
0.65 TYP
304X
0.45
0.35
A
13.35
13.15
B
13.35
13.15
(0.45) TYP
(0.45) TYP
NFBGA - 1.3 mm max height
ZFG0304A
PLASTIC BALL GRID ARRAY
4230188/A 11/2023
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1 CORNER
SEATING PLANE
0.1 C
0.15
CA
B
0.05
C
PKG
PKG
BALL A1 CORNER
Y
1
2
3 4 5 6 7
8 9 10 11 12 13 14 15 16 17 18
20
19
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
SCALE 0.900
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
203
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com