Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPS2 Datasheet(PDF) 149 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 149 Page - ABB

Back Button OPS2 Datasheet HTML 145Page - ABB OPS2 Datasheet HTML 146Page - ABB OPS2 Datasheet HTML 147Page - ABB OPS2 Datasheet HTML 148Page - ABB OPS2 Datasheet HTML 149Page - ABB OPS2 Datasheet HTML 150Page - ABB OPS2 Datasheet HTML 151Page - ABB OPS2 Datasheet HTML 152Page - ABB OPS2 Datasheet HTML 153Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 192 page
background image
Motorized switch-disconnectors
Designed for remote operation
Motor operated switch-disconnectors by ABB are suitable for a wide range of
demanding applications that may require remote operation. For the same reason,
they have been designed to be virtually maintenance free throughout their entire
lifespan.
The motorized switch disconnectors
have a snap-on control wire
connections. Auxiliary contacts can be
snapped on to the sides of the switch.
Quick and easy installation saves time
and expenses.
These devices come equipped with a
wide range of safety features, such as
IP20protected finger proof installations.
All of the contacts are clearly visible,
which makes for clear and reliable
position indication. Also, all of our
motorized switch-disconnectors are
equipped with a handle for manual
operation in emergency situations.
The handles are of course padlockable
into the OFF position for ensured safety.
Ensuring a high performance level for you
is of the utmost importance to us. In
applications where the loaded switch
may need to be operated remotely,
adequate durability has been ensured by
testing against the IEC 60947 standard.
These devices are also equipped with
extremely resistant insulation materials,
which help reduce the risk of flash-over
between phases in even the most severe
circumstances and environments.
Easy to install
Safety and protection
Reliable in extreme conditions
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
149
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com