Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2434BSDFHIALVR Datasheet(PDF) 106 Page - Texas Instruments

Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 106 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 102Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 103Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 104Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 105Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 106Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 107Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 108Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 109Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 282 page
background image
over operating junction temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN(1)
NOM
MAX(1)
UNIT
VDDSHV5
Dual-voltage IO supply
1.8V Operation
1.71
1.8
1.89
V
3.3V Operation
3.135
3.3
3.465
V
TJ
Operating junction temperature range
125°C Industrial
–40
125
°C
Extended
Industrial
–40
105
(1)
The voltage at the device ball must never drop below the MIN voltage or above the MAX voltage for any amount of time during normal
device operation.
(2)
VDD_MMC0 and VDD_DLL_MMC0 must be connected to the same power source as VDD_CORE.
(3)
VDDS_DDR and VDDS_DDR_C shall be sourced from the same power source.
(4)
Refer to the Recommended Operating Conditions for OTP eFuse Programming table for VPP supply voltages based on eFuse usage.
(5)
The VMON_VSYS pin provides a way to monitor the system power supply. For more information, see System Power Supply Monitor
Design Guidelines.
(6)
An external resistor divider is required to limit the voltage applied to this device pin. For more information, see USB Design Guidelines.
(7)
The USB0_ID pin is connected to analog circuits in the USB0 PHY. The analog circuits source a known current while measuring
voltage, to determine the resistance value (RID), if connected to VSS through a resistor. This pin must be connected to VSS for USB
host operation, or left unconnected for USB device operation, and should never be connected to any external voltage source.
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
www.ti.com
106
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com