Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5DC-RX2DUM-000 Datasheet(PDF) 106 Page - Omron Electronics LLC

Part # E5DC-RX2DUM-000
Description  Digital Temperature Controller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2DUM-000 Datasheet(HTML) 106 Page - Omron Electronics LLC

Back Button E5DC-RX2DUM-000 Datasheet HTML 102Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 103Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 104Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 105Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 106Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 107Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 108Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 109Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 110Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 120 page
background image
E5
@C/E5@C-T
106
Advanced Function Setting Level
Alarm 1 to 4 Latch
HS Alarm Latch
HS Alarm Hysteresis
LBA Detection Time
LBA Level
LBA Band
Control Output 1
Assignment
HS Alarm Use
Parameter Initialization
Heater Burnout Latch
Program End ON Time
Standby Time Unit
Standby Sequence Reset
Auxiliary Output 1 to 4
Open in Alarm
Heater Burnout Hysteresis
HB ON/OFF
PF Setting
PF Monitor/Setting Item 1
PF Monitor/
Setting Item 2 to 5
PV/SP No. 1
Display Selection
PV Status Display Function
SV Status Display Function
PV/SP No. 2
Display Selection
Parameter Mask Setting
Input Digital Filter
α
Integral/Derivative Time Unit
AT Calculated Gain
AT Hysteresis
Limit Cycle MV Amplitude
Alarm SP Selection
Moving Average Count
Manual Output Method
Manual MV Initial Value
RT
Display Refresh Period
init
a1lt
mant
mani
rt
hsu
pf
pfd1
pfd2
spd1
spd2
pvst
svst
d.ref
pmst
hsl
hsh
lba
lbal
lbab
out1
alsp
PV Dead Band
Heating/Cooling Tuning
Method
PV Rate of Change
Calculation Period
Minimum Output ON/OFF
Band
PID Set Automatic
Selection Hysteresis
pidh
p-db
pvrp
hctm
ompw
pend
s-u
rest
sb1n
hbu
hbl
hbh
alfa
tidu
at-g
at-h
lcma
inf
mav
Automatic Display
Return Time
Display Brightness
ret
brgt
Manual MV Limit Enable
manl
Direct Setting of Position
Proportional MV
pmvd
Burnout Method
burn
off
off
hold
0.0
off
on
shft
1
0
6
7
off
off
0.25
off
Move to Calibration Level
cmov
0
off
0.1
0
8.0
3.0
o
sp-m
0.50
PID Set Automatic
Selection Data
pidi
pv
SP Tracking
sptr
off
0
20
0
1.0
LCT Cooling Output Min.
ON Time
lcmt
0.2
0.0
h-m
a
n-o
on
off
0.1
0.65
1
0.8
0.8
20.0
0.0
off
off
3
off
off
up
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
Move to Protect Level Time
Alarm 1 to 4 ON Delay
Alarm 1 to 4 OFF Delay
prlt
a1on
a1of
Cold Junction
Compensation Method
cjc
3
0
0
on
M
M
M
Control Output 2
Assignment
Auxiliary Output 1
Assignment
Auxiliary Output 2
Assignment
Auxiliary Output 3
Assignment
Auxiliary Output 4
Assignment
Integrated Alarm
Assignment
out2
sub1
sub2
sub3
sub4
alma
none
alm1
alm2
alm3
alm4
49
M
M
M
M
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com