Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5DC-RX2AUM-017 Datasheet(PDF) 117 Page - Omron Electronics LLC

Part # E5DC-RX2AUM-017
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2AUM-017 Datasheet(HTML) 117 Page - Omron Electronics LLC

Back Button E5DC-RX2AUM-017 Datasheet HTML 113Page - Omron Electronics LLC E5DC-RX2AUM-017 Datasheet HTML 114Page - Omron Electronics LLC E5DC-RX2AUM-017 Datasheet HTML 115Page - Omron Electronics LLC E5DC-RX2AUM-017 Datasheet HTML 116Page - Omron Electronics LLC E5DC-RX2AUM-017 Datasheet HTML 117Page - Omron Electronics LLC E5DC-RX2AUM-017 Datasheet HTML 118Page - Omron Electronics LLC E5DC-RX2AUM-017 Datasheet HTML 119Page - Omron Electronics LLC E5DC-RX2AUM-017 Datasheet HTML 120Page - Omron Electronics LLC E5DC-RX2AUM-017 Datasheet HTML 121Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 138 page
background image
E5
@C/E5@C-T
117
SS
S
S
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
25
0
init
off
a1lt
off
a2lt
off
a3lt
off
a4lt
off
prlt
3
a1on
0
a2on
0
a3on
0
a4on
0
a1of
0
a2of
0
a3of
0
a4of
0
mvse
off
amad
off
mant
hold
mani
0.0
rt
off
hsu
on
pf
shft
pfd1
1
pfd2
0
pfd3
0
pfd4
0
pfd5
0
spd1
4
spd2
0
odsl
o
pvdp
on
pvst
off
svst
off
d.ref
0.25
lcmt
0.2
hsl
off
hsh
0.1
lba
0
lbal
8.0
lbab
3.0
out1
o
out2
none
sub1
alm1
sub2
alm2
sub3
alm3
sub4
alm4
alma
49
t-u
m
alsp
sp-m
rs-t
4-20
rspu
off
rsph
1300
rspl
-200
M
M
M
M
M
sptr
off
p-db
0
pvrp
20
hctm
off
ompw
1.0
mspu
off
spru
m
rest
a
sb1n
n-o
sb2n
n-o
sb3n
n-o
sb4n
n-o
hbu
on
hbl
off
hbh
0.1
st-b
15.0
alfa
0.65
tidu
1
at-g
0.8
at-h
0.8
lcma
20.0
inf
0.0
mav
off
M
M
M
M
M
o-dp
off
ret
off
brgt
3
alt4
2
alh4
0.2
M
M
alt3
2
alh3
0.2
tr-t
off
tr-h
100.0
tr-l
0.0
ev-1
msp0
ev-2
stop
ev-3
none
ev-4
none
M
M
ev-5
none
ev-6
none
sqr
off
M
m
ot
30
M
calb
off
M
clfl
flot
M
o1st
4-20
M
o2st
4-20
M
trst
4-20
amov
0
M
M
M
M
M
M
cjc
on
M
manl
off
M
pmvd
off
M
PV/SP No. 1 Display
Selection
PV/SP No. 2 Display
Selection
Integral/Derivative
Time Unit
Integrated Alarm
Assignment
Remote SP Input
Remote SP Enable
Remote SP
Upper Limit
Remote SP
Lower Limit
Moving Average Count
Manual Output Method
Manual MV Initial Value
Heating/Cooling
Tuning Method
Minimum Output
ON/OFF Band
SP Tracking
Display Brightness
Event Input
Assignment 5
Control Output 1 Signal
Control Output 2 Signal
Transfer Output Signal
Event Input
Assignment 6
RT
Monitor/Setting Item Level
Monitor/Setting
Item Display 1
Note: The monitor/setting items to be displayed is set in the Monitor/Setting Item 1 to 5 parameters (advanced function setting level).
Monitor/Setting
Item Display 2
Monitor/Setting
Item Display 3
Monitor/Setting
Item Display 4
Monitor/Setting
Item Display 5
Press the
O Key
for at least 1 s.
Advanced Function Setting Level
Alarm 3 Type
Alarm 3
Hysteresis
Transfer Output Type
Transfer Output
Upper Limit
Transfer Output
Lower Limit
Event Input
Assignment 1
Event Input
Assignment 2
Extraction of Square
Root Enable
Move to Advanced Function
Setting Level:
Displayed when initial
setting/communications
protect is set to 0.
Move by setting password (
−169).
Parameter Initialization
Number of Multi-SP
Points
SP Ramp Time Unit
Standby Sequence
Reset
Auxiliary Output 1
Open in Alarm
Auxiliary Output 2
Open in Alarm
Auxiliary Output 3
Open in Alarm
HB ON/OFF
Heater Burnout Latch
Heater Burnout
Hysteresis
ST Stable Range
AT Calculated Gain
α
AT Hysteresis
Limit Cycle MV
Amplitude
Input Digital Filter
MV Display
Automatic Display
Return Time
Alarm 1 Latch
Alarm 2 Latch
Alarm 3 Latch
Move to Protect Level
Time
Cold Junction
Compensation
Method
Alarm 1 ON Delay
Alarm 2 ON Delay
Alarm 3 ON Delay
Alarm 1 OFF Delay
Alarm 2 OFF Delay
Alarm 3 OFF Delay
MV at Stop and Error
Addition
Auto/Manual Select
Addition
HS Alarm Use
HS Alarm Latch
HS Alarm Hysteresis
LBA Detection Time
LBA Level
LBA Band
Control Output 1
Assignment
Control Output 2
Assignment
Auxiliary Output 4
Assignment
(E5EC/E5AC only)
Soak Time Unit
Alarm SP Selection
Manual MV
Limit Enable
PV Rate of Change
Calculation Period
LCT Cooling Output
Minimum ON Time
PF Setting
Monitor/Setting Item 1
Monitor/Setting Item 2
Monitor/Setting Item 3
Monitor/Setting Item 4
Monitor/Setting Item 5
MV Display Selection
PV Decimal Point
Display
PV Status Display
Function
SV Status Display
Function
Display Refresh
Period
Auxiliary Output 4
Open in Alarm
Alarm 4 Latch
Alarm 4 ON Delay
Alarm 4 OFF Delay
Auxiliary Output 1
Assignment
Auxiliary Output 2
Assignment
Auxiliary Output 3
Assignment
Alarm 4 Type
Alarm 4
Hysteresis
Event Input
Assignment 3
Event Input
Assignment 4
Motor Calibration
Close/Floating
Travel Time
PV Dead Band
Direct Setting of
Position Proportional
MV
M
cmov
0
Move to Calibration
Level
o1th
100.0
o1tl
0.0
Simple Transfer
Output 1 Upper Limit
Simple Transfer
Ouptut 1 Lower Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com