Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5DC-RX2DUM-000 Datasheet(PDF) 129 Page - Omron Electronics LLC

Part # E5DC-RX2DUM-000
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2DUM-000 Datasheet(HTML) 129 Page - Omron Electronics LLC

Back Button E5DC-RX2DUM-000 Datasheet HTML 125Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 126Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 127Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 128Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 129Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 130Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 131Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 132Page - Omron Electronics LLC E5DC-RX2DUM-000 Datasheet HTML 133Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 138 page
background image
E5
@C/E5@C-T
129
2. Remove the Main Unit from the Terminal Unit.
3. Remove the Terminal Units.
Removing the Connector Cover
E5DC-B
1. For both male and female covers, insert the tip of a flat-blade
screwdriver into the cutout on the connector cover to remove the
connector cover.
Attaching the Connector Cover
E5DC-B
For male connector covers
1. Press on the connector cover until it clicks into place. There is no
vertical direction for male connector covers.
For female connector covers
1. Insert the projecting part on the female connector cover into the
groove on the terminal unit.
2. Press on the female connector cover until it clicks into place in the
cutout.
Mounting the DIN Track
Attach the DIN Track to the inside of the control panel with screws to
at least three locations.
• DIN Track (sold separately)
PFP-50N (50 cm) and PFP-100N (100 cm)
Install the DIN Track vertically to the ground.
(2)
(3)
Cutout
Male connector cover
Cutout
Female connector cover
(1)
Projection Part
Groove
(1)
Cutout
(2)
Vertical: OK
Horizontal: NG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com