Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT2010JG Datasheet(PDF) 8 Page - Micon Design Technology Corporation

Part # MDT2010JG
Description  8-bit micro-controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2010JG Datasheet(HTML) 8 Page - Micon Design Technology Corporation

Back Button MDT2010JG Datasheet HTML 4Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 5Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 6Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 7Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 8Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 9Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 10Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 11Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 12Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MDT2010(JG)
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 7
2006/4
VER1.1
TF
:
Timer overflow flag
R
:
General register address
PF
:
Power loss flag
C
:
Carry flag
PC
:
Program Counter
HC :
Half carry
OSC
:
Oscillator
Z
:
Zero flag
Inclu.
:
Inclusive
‘∪’
/
:
Complement
Exclu.
:
Exclusive
‘♁’
x
:
Don’t care
AND
:
Logic AND
‘∩’
i
:
Immediate data ( 8 bits )
n
:
Immediate address
9. Electrical Characteristics
(A) Operating Voltage & Frequency
Vdd ﹕2.3V ~ 6.0 V
Frequency﹕0 Hz ~ 20 MHz
(B) Input Voltage
@ Vdd=5.0 V, Temperature=25 ℃
Port
Min.
Max.
Vil
PA, PB
RTCC, /MCLR
Vss
Vss
1.0 V
1.0V
Vih
PA, PB
RTCC, /MCLR
2.0 V
3.2 V
Vdd
Vdd
*Threshold Voltage :
Port A, Port B Vth=1.5V
RTCC, /MCLR Vil=1.2 V, Vih=2.9 V
(Schmitt Trigger)
(C) Output Voltage﹕
@ Vdd=5.0 V, Temperature=25 ℃, the typical value as followings :
PA, PB Port
Ioh=-20.0 mA
Voh=3.7 V
Iol=20.0 mA
Vol=0.5 V
Ioh=-5.0 mA
Voh=4.7 V
Iol=5.0 mA
Vol=0.2 V


Similar Part No. - MDT2010JG

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT2010JE MDTIC-MDT2010JE Datasheet
110Kb / 15P
8-bit micro-controller
More results

Similar Description - MDT2010JG

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com