Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT2010JG Datasheet(PDF) 10 Page - Micon Design Technology Corporation

Part # MDT2010JG
Description  8-bit micro-controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2010JG Datasheet(HTML) 10 Page - Micon Design Technology Corporation

Back Button MDT2010JG Datasheet HTML 6Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 7Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 8Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 9Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 10Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 11Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 12Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 13Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 14Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MDT2010(JG)
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 9
2006/4
VER1.1
Cext. (F)
Rext. (Ohm)
Frequency (Hz)
Current (A)
4.7 K
9.4 M
1.1 mA
10.0 K
4.45 M
550
µA
3P
47.0 K
1.1 M
230
µA
100.0 K
540 K
165
µA
300.0 K
180 K
135
µA
470.0 K
115 K
125
µA
4.7 K
5.5 M
660
µA
10.0 K
2.5 M
365
µA
20P
47.0 K
615 K
185
µA
100.0 K
300 K
155
µA
300.0 K
100 K
135
µA
470.0 K
63.5 K
125
µA
4.7 K
2.0 M
315
µA
10.0 K
910 K
200
µA
100P
47.0 K
222 K
135
µA
100.0 K
105 K
125
µA
300.0 K
36 K
120
µA
470.0 K
22 K
115
µA
4.7 K
870 K
195
µA
10.0 K
380 K
150
µA
300P
47.0 K
93 K
120
µA
100.0 K
44 K
115
µA
300.0 K
15 K
110
µA
470.0 K
9.4 K
108
µA
(ii) OSC Type=LF (OSC1&OSC2 Internal cap. );
WDT-Disable ;PED=Enable
Voltage/Frequency
32 K
(Ext C=50P)
455 K
(Ext C=50P)
1 M
Sleep
2.3 V
10
µA
21
µA @2.5V 35 µA
<0.1
µA
3.0 V
18
µA
40
µA
50
µA
<0.1
µA
4.0 V
35
µA
70
µA
85
µA
<0.1
µA
5.0 V
60
µA
110
µA
130
µA
<0.1
µA
6.0 V
120
µA
180
µA
250
µA
<0.1
µA


Similar Part No. - MDT2010JG

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT2010JE MDTIC-MDT2010JE Datasheet
110Kb / 15P
8-bit micro-controller
More results

Similar Description - MDT2010JG

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com