Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT2010JG Datasheet(PDF) 11 Page - Micon Design Technology Corporation

Part # MDT2010JG
Description  8-bit micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2010JG Datasheet(HTML) 11 Page - Micon Design Technology Corporation

Back Button MDT2010JG Datasheet HTML 7Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 8Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 9Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 10Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 11Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 12Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 13Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 14Page - Micon Design Technology Corporation MDT2010JG Datasheet HTML 15Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MDT2010(JG)
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 10
2006/4
VER1.1
(iii) OSC Type=XT (OSC1&OSC2 Internal cap. about 10P);
WDT-Enable
Voltage/Frequency
1 M
4 M
10 M
Sleep
2.1 V
35
µA
105
µA
240
µA
<1.0
µA
3.0 V
80
µA
185
µA
380
µA
3
µA
4.0 V
155
µA
305
µA
600
µA
8
µA
5.0 V
260
µA
450
µA
880
µA
15
µA
6.0 V
410
µA
700
µA
1.2 mA
25
µA
(iv) OSC Type=HF (OSC1&OSC2 Internal cap. about 10P);
WDT-Enable
Voltage/Frequency
4 M
10 M
20 M
Sleep
2.1 V
110
µA
240
µA @2.5V 550µA <1.0 µA
3.0 V
210
µA
410
µA
730
µA
3
µA
4.0 V
350
µA
640
µA
1.1 mA
8
µA
5.0 V
530
µA
950
µA
1.6 mA
15
µA
6.0 V
850
µA
1.3 mA
2.3 mA
25
µA
(G) Power Edge-detector Reset Voltage (Not in Sleep Mode), @ Vdd=5.0 V(PED:Enable)
Vpr≦1.6~1.8 V
Vpr ﹕Vdd (Power Supply)
PS.IF PED_Enable then Internal Power_on_reset will be off


Similar Part No. - MDT2010JG

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT2010JE MDTIC-MDT2010JE Datasheet
110Kb / 15P
   8-bit micro-controller
More results

Similar Description - MDT2010JG

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com