| Electronic Components Datasheet Search |
|
ST72511R Datasheet(PDF) 135 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72511R Datasheet(HTML) 135 Page - STMicroelectronics |
|
135 / 164 page ![]() ST72311R, ST72511R, ST72512R, ST72532R 135/164 12.4 SUPPLY CURRENT CHARACTERISTICS The following current consumption specified for the ST7 functional operating modes over tempera- ture range does not take into account the clock source current consumption. To get the total de- vice consumption, the two current values must be added (except for HALT mode for which the clock is stopped). 12.4.1 RUN and SLOW Modes Figure 69. Typical IDD in RUN vs. fCPU Figure 70. Typical IDD in SLOW vs. fCPU Notes: 1. Typical data are based on TA=25°C, VDD=5V (4.5V≤VDD≤5.5V range) and VDD=3.3V (3V≤VDD≤3.6V range). 2. Data based on characterization results, tested in production at VDD max. and fCPU max. 3. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals switched off; clock input (OSC1) driven by external square wave, LVD disabled. 4. SLOW mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals switched off; clock input (OSC1) driven by external square wave, LVD disabled. Symbol Parameter Conditions Max Unit ∆I DD( ∆Ta) Supply current variation vs. temperature Constant VDD and fCPU 10 % Symbol Parameter Conditions Typ 1) Max 2) Unit IDD Supply current in RUN mode 3) (see Figure 69) fOSC=1MHz, fCPU=500kHz fOSC=4MHz, fCPU=2MHz fOSC=16MHz, fCPU=8MHz 2.5 6.5 14.5 4 9 20 mA Supply current in SLOW mode 4) (see Figure 70) fOSC=1MHz, fCPU=31.25kHz fOSC=4MHz, fCPU=125kHz fOSC=16MHz, fCPU=500kHz 0.3 0.8 1.8 0.5 2.0 3.0 Supply current in RUN mode 3) (see Figure 69) fOSC=1MHz, fCPU=500kHz fOSC=4MHz, fCPU=2MHz fOSC=16MHz, fCPU=8MHz 1.6 3.6 8 2.4 5.4 12 Supply current in SLOW mode 4) (see Figure 70) fOSC=1MHz, fCPU=31.25kHz fOSC=4MHz, fCPU=125kHz fOSC=16MHz, fCPU=500kHz 0.15 0.45 1 0.3 0.9 1.5 3 3.5 4 4.5 5 5.5 VDD [V] 0 5 10 15 20 IDD [mA] 8MHz 4MHz 2MHz 500kHz 3 3.5 4 4.5 5 5.5 VDD [V] 0 0.5 1 1.5 2 2.5 IDD [mA] 500kHz 125kHz 31.25kHz |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |