Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST723219 Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST723219
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723219 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST723219 Datasheet HTML 147Page - STMicroelectronics ST723219 Datasheet HTML 148Page - STMicroelectronics ST723219 Datasheet HTML 149Page - STMicroelectronics ST723219 Datasheet HTML 150Page - STMicroelectronics ST723219 Datasheet HTML 151Page - STMicroelectronics ST723219 Datasheet HTML 152Page - STMicroelectronics ST723219 Datasheet HTML 153Page - STMicroelectronics ST723219 Datasheet HTML 154Page - STMicroelectronics ST723219 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 185 page
background image
ST72321
151/185
12.6 MEMORY CHARACTERISTICS
12.6.1 RAM and Hardware Registers
12.6.2 FLASH Memory
Notes:
1. Minimum VDD supply voltage without losing data stored in RAM (in HALT mode or under RESET) or in hardware reg-
isters (only in HALT mode). Not tested in production.
2. Data based on characterization results, not tested in production.
3. VPP must be applied only during the programming or erasing operation and not permanently for reliability reasons.
4. Data based on simulation results, not tested in production.
Warning: Do not connect 12V to VPP before VDD is powered on, as this may damage the device.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode 1)
HALT mode (or RESET)
1.6
V
DUAL VOLTAGE HDFLASH MEMORY
Symbol
Parameter
Conditions
Min 2)
Typ
Max 2)
Unit
fCPU
Operating frequency
Read mode
0
8
MHz
Write / Erase mode
1
8
VPP
Programming voltage 3)
4.5V
V
DD 5.5V
11.4
12.6
V
IDD
Supply current4)
RUN mode (fCPU = 4MHz)
3
mA
Write / Erase
0
Power down mode / HALT
1
10
µA
IPP
VPP current
4)
Read (VPP=12V)
200
Write / Erase
30
mA
tVPP
Internal VPP stabilization time
10
µs
tRET
Data retention
TA=55°C
20
years
NRW
Write erase cycles
TA=25°C
100
cycles
TPROG
TERASE
Programming or erasing tempera-
ture range
-40
25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com