Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST723244 Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST723244
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST723244 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST723244 Datasheet HTML 153Page - STMicroelectronics ST723244 Datasheet HTML 154Page - STMicroelectronics ST723244 Datasheet HTML 155Page - STMicroelectronics ST723244 Datasheet HTML 156Page - STMicroelectronics ST723244 Datasheet HTML 157Page - STMicroelectronics ST723244 Datasheet HTML 158Page - STMicroelectronics ST723244 Datasheet HTML 159Page - STMicroelectronics ST723244 Datasheet HTML 160Page - STMicroelectronics ST723244 Datasheet HTML 161Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 158 / 161 page
background image
ST72324
158/161
15.3 FLASH REV “X” and ALL ROM DEVICES
15.3.1 Read-out protection with LVD
The LVD is not supported if the read-out protection
is enabled.
15.3.2 External clock source with PLL
External clock source is not supported with the
PLL enabled.
15.3.3 I/O Port A and F Configuration
When using an external quartz crystal or ceramic
resonator, the fOSC2 clock may be disturbed be-
cause the device goes into reserved mode control-
led by Port A and F.
This happens with either one of the following con-
figurations:
PA3=0, PF4=1, PF1=0 while CSS and PLL op-
tions are both disabled and PF0 is toggling
PA3=0, PF4=1, PF1=0, PF0=1 while CSS or PLL
options are enabled
This is detailed in the following table:
As a consequence, for cycle-accurate operations,
these configurations are prohibited in either input
or output mode.
Workaround:
To avoid this occurring, it is recommended to con-
nect one of these pins to GND (PF4 or PF0) or
VDD (PA3 or PF1).
15.3.4 LVD Operation
Depending on the operating conditions, especially
the VDD ramp up speed and ambient temperature,
in some cases the LVD may not start. When this
occurs, the MCU may operate outside the guaran-
teed functional area (see datasheet Figure 76)
without being forced into reset state.
In this case, proper use of the watchdog may
make it possible to recover through a watchdog re-
set and allow normal operations to resume.
Consequently, the LVD function is not guaranteed
in the current silicon revision. For complete securi-
ty, an external reset circuit must be added.
15.4 ALL ROM DEVICES
15.4.1 AVD not supported
On some devices with a specific VDD ramp up
speed the AVD may not start. As a result it cannot
generate interrupts when VDD rises and falls.
15.4.2 Internal RC oscillator operation
Internal RC oscillator operation is not supported in
ROM devices.
CSS PLL PA3 PF4 PF1 PF0
Clock
Disturbance
OFF OFF
0
1
0
Tog
glin
g
Max. 2 clock
cycles lost at
each rising or
falling edge of
PF0
xON
01
01
Max. 1 clock
cycle lost out
of every 16
ON
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com