Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72511R6 Datasheet(PDF) 133 Page - STMicroelectronics

Part # ST72511R6
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72511R6 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ST72511R6 Datasheet HTML 129Page - STMicroelectronics ST72511R6 Datasheet HTML 130Page - STMicroelectronics ST72511R6 Datasheet HTML 131Page - STMicroelectronics ST72511R6 Datasheet HTML 132Page - STMicroelectronics ST72511R6 Datasheet HTML 133Page - STMicroelectronics ST72511R6 Datasheet HTML 134Page - STMicroelectronics ST72511R6 Datasheet HTML 135Page - STMicroelectronics ST72511R6 Datasheet HTML 136Page - STMicroelectronics ST72511R6 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
133/164
12.3 OPERATING CONDITIONS
12.3.1 General Operating Conditions
Figure 66. fOSC Maximum Operating Frequency Versus VDD Supply for devices without EEPROM
2)
Figure 67. fOSC Maximum Operating Frequency Versus VDD Supply for device with EEPROM
2)
Notes:
1. Guaranteed by construction. A/D operation is not guaranteed below 1MHz.
2. Operating conditions with TA=-40 to +125°C.
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
see Figure 66 and Figure 67
3.0
5.5
V
fOSC
External clock frequency
VDD≥3.5V (without EEPROM)
VDD≥4.5V (with EEPROM)
0 1)
16
MHz
VDD≥3.0V
0 1)
8
TA
Ambient temperature range
1 Suffix Version
0
70
°C
6 Suffix Version
-40
85
7 Suffix Version
-40
105
3 Suffix Version
-40
125
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
4
1
0
2.5
3
3.5
4
4.5
5
5.5
FUNCTIONALI TY
FUNCTI ONALITY
FUNCTIONALI TY
GUARANTEE D
IN THIS AREA
NOT GUARAN TEED
IN THIS AREA
NOT GUARANTEED
IN THIS AREA
WITH RESONA TOR 1)
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
4
1
0
2.5
3
3.5
4
4.5
5
5.5
FUNCTIONALI TY
FUNCT IONALITY
FUNCTIONALI TY
GUARANTEE D
IN THIS AREA
NOT GUARAN TEED
IN THIS AREA
NOT GUARANTEE D
IN THIS AREA
WITH RESONATO R
1)
FUNCTIONALI TY NOT GUARAN TEED IN THIS AREA
FOR TEMPERATURE HIGHER THAN 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com