Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72521 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST72521
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72521 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST72521 Datasheet HTML 132Page - STMicroelectronics ST72521 Datasheet HTML 133Page - STMicroelectronics ST72521 Datasheet HTML 134Page - STMicroelectronics ST72521 Datasheet HTML 135Page - STMicroelectronics ST72521 Datasheet HTML 136Page - STMicroelectronics ST72521 Datasheet HTML 137Page - STMicroelectronics ST72521 Datasheet HTML 138Page - STMicroelectronics ST72521 Datasheet HTML 139Page - STMicroelectronics ST72521 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 211 page
background image
ST72521
136/211
CONTROLLER AREA NETWORK (Cont’d)
CONTROL/STATUS REGISTER (CSR)
Read/Write
Reset Value: 00h
Bit 6 = BOFF
Bus-Off State
Read Only
Set by hardware to indicate that the node is in bus-
off state, i.e. the Transmit Error Counter exceeds
255.
Reset by hardware to indicate that the node is in-
volved in bus activities.
Bit 5 = EPSV
Error Passive State
Read Only
Set by hardware to indicate that the node is error
passive.
Reset by hardware to indicate that the node is either
error active (BOFF = 0) or bus-off.
Bit 4 = SRTE
Simultaneous Receive/Transmit En-
able
Read/Set/Clear
Set by software to enable simultaneous transmis-
sion and reception of a message passing the ac-
ceptance filtering. Allows to check the integrity of
the communication path.
Reset by software to discard all messages trans-
mitted by the node. Allows remote and data frames
to share the same identifier.
Bit 3 = NRTX
No Retransmission
Read/Set/Clear
Set by software to disable the retransmission of un-
successful messages.
Cleared by software to enable retransmission of
messages until success is met.
Bit 2 = FSYN
Fast Synchronization
Read/Set/Clear
Set by software to enable a fast resynchronization
when leaving standby mode, i.e. wait for only 11 re-
cessive bits in a row.
Cleared by software to enable the standard resyn-
chronization when leaving standby mode, i.e. wait
for 128 sequences of 11 recessive bits.
Bit 1 = WKPS
Wake-up Pulse
Read/Set/Clear
Set by software to generate a dominant pulse when
leaving standby mode.
Cleared by software for no dominant wake-up
pulse.
Bit 0 = RUN
CAN Enable
Read/Set/Clear
Set by software to leave standby mode after 128 se-
quences of 11 recessive bits or just 11 recessive
bits if FSYN is set.
Cleared by software to request a switch to the
standby or low-power mode as soon as any on-go-
ing transfer is complete. Read-back as 1 in the
meantime to enable proper signalling of the standby
state. The CPU clock may therefore be safely
switched OFF whenever RUN is read as 0.
70
0
BOFF
EPSV
SRTE
NRTX
FSYN WKPS
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com