Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72C104G2 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST72C104G2
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C104G2 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST72C104G2 Datasheet HTML 124Page - STMicroelectronics ST72C104G2 Datasheet HTML 125Page - STMicroelectronics ST72C104G2 Datasheet HTML 126Page - STMicroelectronics ST72C104G2 Datasheet HTML 127Page - STMicroelectronics ST72C104G2 Datasheet HTML 128Page - STMicroelectronics ST72C104G2 Datasheet HTML 129Page - STMicroelectronics ST72C104G2 Datasheet HTML 130Page - STMicroelectronics ST72C104G2 Datasheet HTML 131Page - STMicroelectronics ST72C104G2 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 135 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
128/135
14.3 SOLDERING AND GLUEABILITY INFORMATION
Recommended soldering information given only
as design guidelines in Figure 98 and Figure 99.
Recommended glue for SMD plastic packages
dedicated to molding compound with silicone:
s
Heraeus: PD945, PD955
s
Loctite: 3615, 3298
Figure 98. Recommended Wave Soldering Profile (with 37% Sn and 63% Pb)
Figure 99. Recommended Reflow Soldering Oven Profile (MID JEDEC)
14.4 PACKAGE/SOCKET FOOTPRINT PROPOSAL
Table 21. Suggested List of SDIP32 Socket Types
Table 22. Suggested List of SO28 Socket Types
Package / Probe
Adaptor / Socket Reference
Same
Footp rint
Socket Type
SDIP32
EMU PROBE
TEXTOOL
232-1291-00
X
Textool
Package / Probe
Adaptor / Socket Reference
Same
Footp rint
Socket Type
SO28
ENPLAS
OTS-28-1.27-04
Open Top
YAMAICHI
IC51-0282-334-1
Clamshell
EMU PROBE
Adapter from SO28 to SDIP32 footprint (delivered with emulator)
X
SMD to SDIP
250
200
150
100
50
0
40
80
120
160
Time [sec]
Temp. [
°C]
20
60
100
140
5 sec
COOLING PHASE
(ROOM TEMPERATURE)
PREHEATING
80
°C
PHASE
SOLDERING
PHASE
250
200
150
100
50
0
100
200
300
400
Time [sec]
Temp. [
°C]
ramp up
2
°C/sec for 50sec
90 sec at 125
°C
150 sec above 183
°C
ramp down natural
2
°C/sec max
Tmax=220+/-5
°C
for 25 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com