Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263B Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST7263B
Description  LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263B Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST7263B Datasheet HTML 108Page - STMicroelectronics ST7263B Datasheet HTML 109Page - STMicroelectronics ST7263B Datasheet HTML 110Page - STMicroelectronics ST7263B Datasheet HTML 111Page - STMicroelectronics ST7263B Datasheet HTML 112Page - STMicroelectronics ST7263B Datasheet HTML 113Page - STMicroelectronics ST7263B Datasheet HTML 114Page - STMicroelectronics ST7263B Datasheet HTML 115Page - STMicroelectronics ST7263B Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 132 page
background image
ST7263B
112/132
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 67. Typical VDD-VOH at VDD= 5V
Figure 68. Typical VOL vs. VDD (standard I/Os)
Figure 69. Typical VOL vs. VDD (high-sink I/Os)
Figure 70. Typical VOL vs. VDD (very high-sink I/Os)
0
0.5
1
1.5
2
2.5
-25
-20
-15
-10
-5
Iio (mA)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
-4
-3.5
-3
-2.5
-2
-1.5
-1
Iio (mA)
0.120
0.122
0.124
0.126
0.128
0.130
0.132
0.134
4
4.25
4.5
4.75
5
5.25
5.5
Vdd ( V )
0.5
0.55
0.6
0.65
0.7
0.75
4
4.25
4.5
4.75
5
5.25
5.5
Vdd (V )
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
44.25
4.5
4.7555.25
5.5
Vdd ( V )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com