Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263B Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST7263B
Description  LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263B Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST7263B Datasheet HTML 121Page - STMicroelectronics ST7263B Datasheet HTML 122Page - STMicroelectronics ST7263B Datasheet HTML 123Page - STMicroelectronics ST7263B Datasheet HTML 124Page - STMicroelectronics ST7263B Datasheet HTML 125Page - STMicroelectronics ST7263B Datasheet HTML 126Page - STMicroelectronics ST7263B Datasheet HTML 127Page - STMicroelectronics ST7263B Datasheet HTML 128Page - STMicroelectronics ST7263B Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 132 page
background image
ST7263B
125/132
15.2 DEVICE ORDERING INFORMATION
Table 26. Supported Part Numbers
Note: /xxx stands for the ROM code name assigned by STMicroelectronics.
Sales Type 1)
Program Memory
(bytes)
RAM
(bytes)
Package
ST72F63BK4M1
16K Flash
512
SO34
ST72F63BK4B1
16K Flash
PSDIP32
ST72F63BK2M1
8K Flash
384
SO34
ST72F63BK2B1
8K Flash
PSDIP32
ST72F63BK1M1
4K Flash
SO34
ST72F63BK1B1
4K Flash
PSDIP32
ST7263BK2M1/xxx
8K ROM
SO34
ST7263BK2B1/xxx
8K ROM
PSDIP32
ST7263BK1M1/xxx
4K ROM
SO34
ST7263BK1B1/xxx
4K ROM
PSDIP32
ST72P63BK4M1
16K FASTROM
512
SO34
ST72P63BK4B1
16K FASTROM
PSDIP32
ST72P63BK2M1
8K FASTROM
384
SO34
ST72P63BK2B1
8K FASTROM
PSDIP32
ST72P63BK1M1
4K FASTROM
SO34
ST72P63BK1B1
4K FASTROM
PSDIP32
Contact ST sales office for product availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com