Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 107Page - STMicroelectronics ST72F521R6TC Datasheet HTML 108Page - STMicroelectronics ST72F521R6TC Datasheet HTML 109Page - STMicroelectronics ST72F521R6TC Datasheet HTML 110Page - STMicroelectronics ST72F521R6TC Datasheet HTML 111Page - STMicroelectronics ST72F521R6TC Datasheet HTML 112Page - STMicroelectronics ST72F521R6TC Datasheet HTML 113Page - STMicroelectronics ST72F521R6TC Datasheet HTML 114Page - STMicroelectronics ST72F521R6TC Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 211 page
background image
ST72521
111/211
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
DATA REGISTER (SCIDR)
Read/Write
Reset Value: Undefined
Contains the Received or Transmitted data char-
acter, depending on whether it is read from or writ-
ten to.
The Data register performs a double function (read
and write) since it is composed of two registers,
one for transmission (TDR) and one for reception
(RDR).
The TDR register provides the parallel interface
between the internal bus and the output shift reg-
ister (see Figure 60).
The RDR register provides the parallel interface
between the input shift register and the internal
bus (see Figure 60).
BAUD RATE REGISTER (SCIBRR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:6= SCP[1:0]
First SCI Prescaler
These 2 prescaling bits allow several standard
clock division ranges:
Bits 5:3 = SCT[2:0]
SCI Transmitter rate divisor
These 3 bits, in conjunction with the SCP1 & SCP0
bits define the total division applied to the bus
clock to yield the transmit rate clock in convention-
al Baud Rate Generator mode.
Bits 2:0 = SCR[2:0]
SCI Receiver rate divisor.
These 3 bits, in conjunction with the SCP[1:0] bits
define the total division applied to the bus clock to
yield the receive rate clock in conventional Baud
Rate Generator mode.
70
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
70
SCP1
SCP0
SCT2
SCT1
SCT0
SCR2
SCR1
SCR0
PR Prescaling factor
SCP1
SCP0
10
0
30
1
41
0
13
1
1
TR dividing factor
SCT2
SCT1
SCT0
1
000
2
001
4
010
8
011
16
100
32
101
64
110
128
1
1
1
RR Dividing factor
SCR2
SCR1
SCR0
1
000
2
001
4
010
8
011
16
100
32
101
64
110
128
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com