Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 117Page - STMicroelectronics ST72F521R6TC Datasheet HTML 118Page - STMicroelectronics ST72F521R6TC Datasheet HTML 119Page - STMicroelectronics ST72F521R6TC Datasheet HTML 120Page - STMicroelectronics ST72F521R6TC Datasheet HTML 121Page - STMicroelectronics ST72F521R6TC Datasheet HTML 122Page - STMicroelectronics ST72F521R6TC Datasheet HTML 123Page - STMicroelectronics ST72F521R6TC Datasheet HTML 124Page - STMicroelectronics ST72F521R6TC Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 211 page
background image
ST72521
121/211
I2C BUS INTERFACE (Cont’d)
10.7.7 Register Description
I2C CONTROL REGISTER (CR)
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7:6 = Reserved. Forced to 0 by hardware.
Bit 5 = PE
Peripheral enable.
This bit is set and cleared by software.
0: Peripheral disabled
1: Master/Slave capability
Notes:
– When PE=0, all the bits of the CR register and
the SR register except the Stop bit are reset. All
outputs are released while PE=0
– When PE=1, the corresponding I/O pins are se-
lected by hardware as alternate functions.
– To enable the I2C interface, write the CR register
TWICE with PE=1 as the first write only activates
the interface (only PE is set).
Bit 4 = ENGC
Enable General Call.
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disa-
bled (PE=0). The 00h General Call address is ac-
knowledged (01h ignored).
0: General Call disabled
1: General Call enabled
Note: In accordance with the I2C standard, when
GCAL addressing is enabled, an I2C slave can
only receive data. It will not transmit data to the
master.
Bit 3 = START
Generation of a Start condition.
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disa-
bled (PE=0) or when the Start condition is sent
(with interrupt generation if ITE=1).
– In master mode:
0: No start generation
1: Repeated start generation
– In slave mode:
0: No start generation
1: Start generation when the bus is free
Bit 2 = ACK
Acknowledge enable.
This bit is set and cleared by software. It is also
cleared by hardware when the interface is disa-
bled (PE=0).
0: No acknowledge returned
1: Acknowledge returned after an address byte or
a data byte is received
Bit 1 = STOP
Generation of a Stop condition.
This bit is set and cleared by software. It is also
cleared by hardware in master mode. Note: This
bit is not cleared when the interface is disabled
(PE=0).
– In master mode:
0: No stop generation
1: Stop generation after the current byte transfer
or after the current Start condition is sent. The
STOP bit is cleared by hardware when the Stop
condition is sent.
– In slave mode:
0: No stop generation
1: Release the SCL and SDA lines after the cur-
rent byte transfer (BTF=1). In this mode the
STOP bit has to be cleared by software.
Bit 0 = ITE
Interrupt enable.
This bit is set and cleared by software and cleared
by hardware when the interface is disabled
(PE=0).
0: Interrupts disabled
1: Interrupts enabled
Refer to Figure 66 for the relationship between the
events and the interrupt.
SCL is held low when the ADD10, SB, BTF or
ADSL flags or an EV6 event (See Figure 65) is de-
tected.
70
0
0
PE
ENGC START
ACK
STOP
ITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com