Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 125Page - STMicroelectronics ST72F521R6TC Datasheet HTML 126Page - STMicroelectronics ST72F521R6TC Datasheet HTML 127Page - STMicroelectronics ST72F521R6TC Datasheet HTML 128Page - STMicroelectronics ST72F521R6TC Datasheet HTML 129Page - STMicroelectronics ST72F521R6TC Datasheet HTML 130Page - STMicroelectronics ST72F521R6TC Datasheet HTML 131Page - STMicroelectronics ST72F521R6TC Datasheet HTML 132Page - STMicroelectronics ST72F521R6TC Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 211 page
background image
ST72521
129/211
CONTROLLER AREA NETWORK (Cont’d)
Figure 68. CAN Frames
Data Field
8 * N
Control Field
6
Arbitration Field
12
CRC Field
16
Ack Field
7
ID
DLC
CRC
Data Frame
44 + 8 * N
Arbitration Field
12
ID
DLC
Remote Frame
44
CRC Field
16
7
CRC
Control Field
6
Overload Flag
6
Overload Delimiter
8
Overload Frame
Error Flag
6
Error Delimiter
8
Error Frame
Flag Echo
≤ 6
Bus Idle
Inter-Frame Space
Suspend
8
Intermission
3
Transmission
2
2
Inter-Frame Space
or Overload Frame
Inter-Frame Space
Inter-Frame Space
or Overload Frame
Inter-Frame Space
Inter-Frame Space
or Overload Frame
Data Frame or
Remote Frame
Notes:
• 0
<= N
<= 8
• SOF = Start Of Frame
• ID = Identifier
• RTR = Remote Transmission Request
• IDE = Identifier Extension Bit
• r0 = Reserved Bit
• DLC = Data Length Code
• CRC = Cyclic Redundancy Code
• Error flag: 6 dominant bits if node is error
active else 6 recessive bits.
• Suspend transmission: applies to error
passive nodes only.
• EOF = End of Frame
• ACK = Acknowledge bit
Data Frame or
Remote Frame
Any Frame
Inter-Frame Space
or Error Frame
End Of Frame or
Error Delimiter or
Overload Delimiter
Ack Field
End Of Frame
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com