Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 131Page - STMicroelectronics ST72F521R6TC Datasheet HTML 132Page - STMicroelectronics ST72F521R6TC Datasheet HTML 133Page - STMicroelectronics ST72F521R6TC Datasheet HTML 134Page - STMicroelectronics ST72F521R6TC Datasheet HTML 135Page - STMicroelectronics ST72F521R6TC Datasheet HTML 136Page - STMicroelectronics ST72F521R6TC Datasheet HTML 137Page - STMicroelectronics ST72F521R6TC Datasheet HTML 138Page - STMicroelectronics ST72F521R6TC Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 211 page
background image
ST72521
135/211
CONTROLLER AREA NETWORK (Cont’d)
INTERRUPT CONTROL REGISTER (ICR)
Read/Write
Reset Value: 00h
Bit 6 = ESCI
Extended Status Change Interrupt
− Read/Set/Clear
Set by software to specify that SCIF is to be set on
receive errors also.
Cleared by software to set SCIF only on status
changes and wake-up but not on all receive errors.
Bit 5 = RXIE
Receive Interrupt Enable
− Read/Set/Clear
Set by software to enable an interrupt request
whenever a message has been received free of er-
rors.
Cleared by software to disable receive interrupt re-
quests.
Bit 4 = TXIE
Transmit Interrupt Enable
− Read/Set/Clear
Set by software to enable an interrupt request
whenever a message has been successfully trans-
mitted.
Cleared by software to disable transmit interrupt
requests.
Bit 3 = SCIE
Status Change Interrupt Enable
− Read/Set/Clear
Set by software to enable an interrupt request
whenever the node’s status changes in run mode or
whenever a dominant pulse is received in standby
mode.
Cleared by software to disable status change inter-
rupt requests.
Bit 2 = ORIE
Overrun Interrupt Enable
− Read/Set/Clear
Set by software to enable an interrupt request
whenever a message should be stored and no re-
ceive buffer is avalaible.
Cleared by software to disable overrun interrupt re-
quests.
Bit 1 = TEIE
Transmit Error Interrupt Enable
− Read/Set/Clear
Set by software to enable an interrupt whenever an
error has been detected during transmission of a
message.
Cleared by software to disable transmit error inter-
rupts.
Bit 0 = ETX
Early Transmit Interrupt
− Read/Set/Clear
Set by software to request the transmit interrupt to
occur as soon as the arbitration phase has been
passed successfully.
Cleared by software to request the transmit inter-
rupt to occur at the completion of the transfer.
70
0
ESCI
RXIE
TXIE
SCIE
ORIE
TEIE
ETX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com