Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 151Page - STMicroelectronics ST72F521R6TC Datasheet HTML 152Page - STMicroelectronics ST72F521R6TC Datasheet HTML 153Page - STMicroelectronics ST72F521R6TC Datasheet HTML 154Page - STMicroelectronics ST72F521R6TC Datasheet HTML 155Page - STMicroelectronics ST72F521R6TC Datasheet HTML 156Page - STMicroelectronics ST72F521R6TC Datasheet HTML 157Page - STMicroelectronics ST72F521R6TC Datasheet HTML 158Page - STMicroelectronics ST72F521R6TC Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 211 page
background image
ST72521
155/211
10-BIT A/D CONVERTER (Cont’d)
Table 25. ADC Register Map and Reset Values
Address
(Hex.)
Register
Label
7654
3210
0070h
ADCCSR
Reset Value
EOC
0
SPEED
0
ADON
00
CH3
0
CH2
0
CH1
0
CH0
0
0071h
ADCDRH
Reset Value
D9
0
D8
0
D7
0
D6
0
D5
0
D4
0
D3
0
D2
0
0072h
ADCDRL
Reset Value
0000
00
D1
0
D0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com