Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 164 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 160Page - STMicroelectronics ST72F521R6TC Datasheet HTML 161Page - STMicroelectronics ST72F521R6TC Datasheet HTML 162Page - STMicroelectronics ST72F521R6TC Datasheet HTML 163Page - STMicroelectronics ST72F521R6TC Datasheet HTML 164Page - STMicroelectronics ST72F521R6TC Datasheet HTML 165Page - STMicroelectronics ST72F521R6TC Datasheet HTML 166Page - STMicroelectronics ST72F521R6TC Datasheet HTML 167Page - STMicroelectronics ST72F521R6TC Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 211 page
background image
ST72521
164/211
12.2.3 Thermal Characteristics
12.3 OPERATING CONDITIONS
12.3.1 General Operating Conditions
Figure 84. fCPU Max Versus VDD
Note: Some temperature ranges are only available with a specific package and memory size. Refer to Or-
dering Information .
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature (see Section 13.2 THERMAL CHARACTERISTICS)
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal clock frequency
0
8
MHz
VDD
Standard voltage devices (except Flash
Write/Erase)
3.8
5.5
V
Operating Voltage for Flash Write/Erase
VPP = 11.4 to 12.6V
4.5
5.5
TA
Ambient temperature range
1 Suffix Version
0
70
°C
5 Suffix Version
-10
85
6 or A Suffix Versions
-40
85
7 or B Suffix Versions
-40
105
C Suffix Version
-40
125
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
1
0
3.5
4.0
4.5
5.5
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
IN THIS AREA
NOT GUARANTEED
IN THIS AREA
3.8
6
IN STANDARD
DEVICES (UNLESS
VOLTAGE
OTHERWISE
SPECIFIED
IN THE TABLES
OF PARAMETRIC
DATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com