Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 199 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 199 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 195Page - STMicroelectronics ST72F521R6TC Datasheet HTML 196Page - STMicroelectronics ST72F521R6TC Datasheet HTML 197Page - STMicroelectronics ST72F521R6TC Datasheet HTML 198Page - STMicroelectronics ST72F521R6TC Datasheet HTML 199Page - STMicroelectronics ST72F521R6TC Datasheet HTML 200Page - STMicroelectronics ST72F521R6TC Datasheet HTML 201Page - STMicroelectronics ST72F521R6TC Datasheet HTML 202Page - STMicroelectronics ST72F521R6TC Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 211 page
background image
ST72521
199/211
14 ST72521 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (ROM/FASTROM).
ST72521 devices are ROM versions. ST72P521
devices are Factory Advanced Service Technique
ROM (FASTROM) versions: they are factory-pro-
grammed HDFlash devices. FLASH devices are
shipped to customers with a default content, while
ROM/FASTROM factory coded parts contain the
code supplied by the customer. This implies that
FLASH devices have to be configured by the cus-
tomer using the Option Bytes while the ROM/FAS-
TROM devices are factory-configured.
14.1 FLASH OPTION BYTES
The option bytes allow the hardware configuration
of the microcontroller to be selected. They have no
address in the memory map and can be accessed
only in programming mode (for example using a
standard ST7 programming tool). The default con-
tent of the FLASH is fixed to FFh. To program the
FLASH devices directly using ICP, FLASH devices
are shipped to customers with the internal RC
clock source. In masked ROM devices, the option
bytes are fixed in hardware by the ROM code (see
option list).
OPTION BYTE 0
OPT7= WDG HALT
Watchdog and HALT mode
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT6= WDG SW
Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT5 = CSS
Clock security system on/off
This option bit enables or disables the clock secu-
rity system function (CSS) which includes the
clock filter and the backup safe oscillator.
0: CSS enabled
1: CSS disabled
Caution: The CSS function is not guaranteed.Re-
fer to Section 15.
OPT4:3= VD[1:0]
Voltage detection
These option bits enable the voltage detection
block (LVD, and AVD) with a selected threshold for
the LVD and AVD (EVD+AVD).
Caution: If the medium or low thresholds are se-
lected, the detection may occur outside the speci-
fied operating voltage range. Below 3.8V, device
operation is not guaranteed. For details on the
AVD and LVD threshold levels refer to Section
12.3.2 on page 165
STATIC OPTION BYTE 0
70
STATIC OPTION BYTE 1
70
WDG
VD
OSCTYPE
OSCRANGE
10
10
2
10
Default
1
1100
1
1
11
1
1
0
1
1
1
1
Selected Low Voltage Detector
VD1
VD0
LVD and AVD Off
1
1
Lowest Threshold: (VDD~3V)
1
0
Med. Threshold (VDD~3.5V)
0
1
Highest Threshold (VDD~4V)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com