Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521M9TC Datasheet(PDF) 210 Page - STMicroelectronics

Part # ST72F521M9TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521M9TC Datasheet(HTML) 210 Page - STMicroelectronics

Back Button ST72F521M9TC Datasheet HTML 203Page - STMicroelectronics ST72F521M9TC Datasheet HTML 204Page - STMicroelectronics ST72F521M9TC Datasheet HTML 205Page - STMicroelectronics ST72F521M9TC Datasheet HTML 206Page - STMicroelectronics ST72F521M9TC Datasheet HTML 207Page - STMicroelectronics ST72F521M9TC Datasheet HTML 208Page - STMicroelectronics ST72F521M9TC Datasheet HTML 209Page - STMicroelectronics ST72F521M9TC Datasheet HTML 210Page - STMicroelectronics ST72F521M9TC Datasheet HTML 211Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 210 / 211 page
background image
ST72521
210/211
16 SUMMARY OF CHANGES
Revision
Main Changes
Date
1.7
Added note to “Read-out Protection” on page 18 LVD not supported if ROP is enabled
Added note to “MULTI-OSCILLATOR (MO)” on page 25 External clock source not support-
ed if PLL is enabled
Modified “ACTIVE-HALT AND HALT MODES” on page 44: wakeup from active halt by reset
or MCC/RTC interrupt only
Reset pin IINJMAX for changed to 2 mA in Section 12.9.1 and Section 12.2
Updated ordering information Section 14.2 on page 201
Added “List of CAN Cell Limitations” on page 144
Added “IMPORTANT NOTES” on page 206
Mar 03
1.8
Not issued.
1.9
Changed document name from ST72521M/R/AR to ST72521
Removed External RC option from Section 6.2 on page 25 and throughout document
Added Caution ‘CSS function is not guaranteed’ to Section 6.4 on page 28 and
Section
14.1 on page 199
Modified description of internal RC oscillator in Section 6.2.
Added Caution about disconnecting OSC pins in Section 6.2 on page 25
Updated limitations fixed in Rev “R” “List of CAN Cell Limitations” on page 144
Moved LVD startup behaviour diagram from Section 12.3.2 on page 165 to Section 15
Modified notes in table of Murata resonators in Section 12.5.3
Modified description of VAREF/VSSA pins in Section 12.12.1 on page 193
Added phrase “can be reprogrammed” in Section 4.3.1 on page 18 and
Section 14.1 on
page 199
Added heading “Related Documentation” on page 20
Modified description of TLI (maskable instead of non maskable) in Section 7
Added FASTROM information to Section 14 on page 199
Added note under VD option bit table in
Section 14.1 on page 199
Updated option list in Section 14.2
Please read carefully the “IMPORTANT NOTES” on page 206
August 03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com