Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72622L2M1 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST72622L2M1
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72622L2M1 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST72622L2M1 Datasheet HTML 97Page - STMicroelectronics ST72622L2M1 Datasheet HTML 98Page - STMicroelectronics ST72622L2M1 Datasheet HTML 99Page - STMicroelectronics ST72622L2M1 Datasheet HTML 100Page - STMicroelectronics ST72622L2M1 Datasheet HTML 101Page - STMicroelectronics ST72622L2M1 Datasheet HTML 102Page - STMicroelectronics ST72622L2M1 Datasheet HTML 103Page - STMicroelectronics ST72622L2M1 Datasheet HTML 104Page - STMicroelectronics ST72622L2M1 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 132 page
background image
ST7262
101/132
OPERATING CONDITIONS (Cont’d)
Figure 55. fCPU Versus VDD for low voltage devices
12.3.2 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for VDD, fCPU, and TA. Refer to Figure 15 on page 21.
Notes:
1. Not tested, guaranteed by design.
2. Not tested in production, guaranteed by characterization.
3. The VDD rise time rate condition is needed to insure a correct device power-on and LVD reset. Not tested in production.
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
0
2.5
3.0
3.5
4
4.5
5
5.5
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
SPECIFIED IN THE
TABLES OF
PARAMETRIC DATA)
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIT+
Low Voltage Reset Threshold (VDD rising)
VDD Max. Variation 50V/ms
3.6
3.8
3.95
V
VIT-
Low Voltage Reset Threshold (VDD falling)
VDD Max. Variation 50V/ms
3.45
3.65
3.8
V
Vhyst
Hysteresis (VIT+ - VIT-)
120 2)
150 2)
180 2)
mV
VtPOR
VDD rise time rate
3)
0.5
50
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com